Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1975 Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LB1975
Description  For Fan Motor 3-phase Brushless Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1975 Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LB1975_08 Datasheet HTML 1Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 2Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 3Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 4Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 5Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 6Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 7Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 8Page - Sanyo Semicon Device LB1975_08 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LB1975
No.6087-4/10
FG1
FG2
Pin Assignment
LB1975
VCOUT
VCC VREG S/S
F/R
(NC) OUT1 OUT2 OUT3 (NC)
(NC) GND3 GND2
RF
VM
VCTL OSC (NC) VCREF IN1− IN1+ IN2− IN2+ IN3− IN3+ FG1
FG2 GND1
Top view
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
5
5
6
7
8
9
10
11
12
13
14
Truth Table
Input
Forward/reverse control
Output
FG output
IN1
IN2
IN3
F/R
Source
→ Sink
FG1
FG2
L
OUT2
→ OUT1
1
H
L
H
H
OUT1
→ OUT2
L
L
L
OUT3
→ OUT1
2
H
L
L
H
OUT1
→ OUT3
L
H
L
OUT3
→ OUT2
3
H
H
L
H
OUT2
→ OUT3
L
L
L
OUT1
→ OUT2
4
L
H
L
H
OUT2
→ OUT1
H
H
L
OUT1
→ OUT3
5
L
H
H
H
OUT3
→ OUT1
H
L
L
OUT2
→ OUT3
6
L
L
H
H
OUT3
→ OUT2
H
H
F/R
FG output
Forward rotation Low
0V to 1.5V
Reverse rotation High
VCC − 1.5V to VCC
0
100
80
60
40
20
VCTL1VCTL2
Duty -- VCTL characteristics
Control voltage, VCTL -- V


Numéro de pièce similaire - LB1975_08

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1975 SANYO-LB1975 Datasheet
91Kb / 12P
   DC Fan Motor Driver
logo
ON Semiconductor
LB1975 ONSEMI-LB1975 Datasheet
135Kb / 10P
   3-phase Brushless Motor Driver
May, 2013
More results

Description similaire - LB1975_08

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LV8121V SANYO-LV8121V Datasheet
230Kb / 14P
   For Fan Motor 3-phase Brushless Motor Driver
LB1991V SANYO-LB1991V_09 Datasheet
135Kb / 7P
   For Fan Motor 3-phase Brushless Motor Driver
logo
Rohm
BM6241FS ROHM-BM6241FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6245FS ROHM-BM6245FS Datasheet
2Mb / 36P
   3-Phase Brushless Fan Motor Driver
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com