Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1876 Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LB1876
Description  For Polygon Mirror Motors 3-phase Brushless Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1876 Fiches technique(HTML) 6 Page - Sanyo Semicon Device

Back Button LB1876_09 Datasheet HTML 2Page - Sanyo Semicon Device LB1876_09 Datasheet HTML 3Page - Sanyo Semicon Device LB1876_09 Datasheet HTML 4Page - Sanyo Semicon Device LB1876_09 Datasheet HTML 5Page - Sanyo Semicon Device LB1876_09 Datasheet HTML 6Page - Sanyo Semicon Device LB1876_09 Datasheet HTML 7Page - Sanyo Semicon Device LB1876_09 Datasheet HTML 8Page - Sanyo Semicon Device LB1876_09 Datasheet HTML 9Page - Sanyo Semicon Device LB1876_09 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LB1876
No.6201-6/12
Pin Function
Pin No.
Pin name
Function
Equivalent curcuit
2
1
36
OUT1
OUT2
OUT3
Motor drive output pins.
PWM controls duty cycle ratio by lower transistors.
Connect Schottky diodes between the outputs and VCC.
34
GND3
Output block ground.
28
29
VM1
VM2
Output block power supply and output current detection.
VM1 and VM2 are short-circuited and used.
Connect low-resistance resistors Rf between these pins and
VCC.
The output current is limited to the current value set by IOUT
= VREF/Rf.
1 2 36
34
28
VM1
29
VM2
VCC
300
3
35
NC
NC
Since these are not connected internally, they can be used
for wiring.
8
9
6
7
4
5
IN1+
IN1−
IN2+
IN2−
IN3+
IN3−
Hall device input pins.
These inputs return a high level when IN+ > IN− and a low
level when IN− > IN+.
A Hall signal amplitude of at least 100mVp-p (differential) is
desirable. Insert a capacitor between IN+ and IN− if noise on
the Hall signal is a problem.
5 7 9
VREG
300
300
4 6 8
10
11
FGIN+
FGIN−
FG comparator input pins.
If noise on the FG signal is a problem, insert either a
capacitor or a filter consisting of a capacitor and a resistor.
11
VREG
300
300
10
12
GND1
Control circuit block ground.
13
GND2
Sub-ground.
14
PWM
PWM oscillation frequency setting pin.
Connect a capacitor between this pin and ground.
A capacitance of 1800pF for C sets the frequency to
approximately 37kHz.
14
VREG
200
2k
15
FC
Current control circuit frequency characteristics
compensation pin.
Insert a capacitor (on the order of 0.01 to 0.1
µF) between
this pin and ground.
The output duty is determined by the ratio of the voltage on
this pin and the PWM oscillator waveform.
15
VREG
300
Continued on next page.


Numéro de pièce similaire - LB1876_09

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
ON Semiconductor
LB1876 ONSEMI-LB1876 Datasheet
169Kb / 12P
   3-phase Brushless Motor Driver
May, 2013
More results

Description similaire - LB1876_09

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
LV8112V_1002 SANYO-LV8112V_1002 Datasheet
305Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8112V SANYO-LV8112V_12 Datasheet
204Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8111V_0910 SANYO-LV8111V_0910 Datasheet
295Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8111V SANYO-LV8111V_12 Datasheet
193Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8112V SANYO-LV8112V Datasheet
314Kb / 13P
   Bi-CMOS IC For Polygon Mirror Motor 3-phase Brushless Motor Driver
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com