Moteur de recherche de fiches techniques de composants électroniques |
|
BZW04P213 Fiches technique(PDF) 3 Page - Vishay Siliconix |
|
BZW04P213 Fiches technique(HTML) 3 Page - Vishay Siliconix |
3 / 6 page BZW04P-5V8 thru BZW04-376 www.vishay.com Vishay General Semiconductor Revision: 12-Jul-11 3 Document Number: 88316 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes (1) Pulse test: tp 50 ms (2) Surge current waveform per fig. 3 and derated per fig. 2 (3) All terms and symbols are consistent with ANSI/IEEE C62.35 (4) For bi-directional types having VWM of 10 V and less, the ID limit is doubled Note (1) AEC Q101 qualified BZW04P70 BZW04P70B 77.9 90.2 1.0 70.1 1.0 3.5 113 0.105 BZW04-70 BZW04-70B 77.9 86.1 1.0 70.1 1.0 3.5 113 0.105 BZW04P78 BZW04P78B 86.5 100 1.0 78.0 1.0 3.2 125 0.105 BZW04-78 BZW04-78B 86.5 95.5 1.0 78.0 1.0 3.2 125 0.105 BZW04P85 BZW04P85B 95.0 110 1.0 85.5 1.0 2.9 137 0.106 BZW04-85 BZW04-85B 95.0 105 1.0 85.5 1.0 2.9 137 0.106 BZW04P94 BZW04P94B 105 121 1.0 94.0 1.0 2.6 152 0.107 BZW04-94 BZW04-94B 105 116 1.0 94.0 1.0 2.6 152 0.107 BZW04P102 BZW04P102B 114 132 1.0 102 1.0 2.4 165 0.107 BZW04-102 BZW04-102B 114 126 1.0 102 1.0 2.4 165 0.107 BZW04P110 BZW04P110B 124 143 1.0 111 1.0 2.2 179 0.107 BZW04-110 BZW04-110B 124 137 1.0 111 1.0 2.2 179 0.107 BZW04P128 BZW04P128B 143 165 1.0 128 1.0 2.0 207 0.108 BZW04-128 BZW04-128B 143 158 1.0 128 1.0 2.0 207 0.108 BZW04P136 BZW04P136B 152 176 1.0 136 1.0 1.8 219 0.108 BZW404-136 BZW404-136B 152 168 1.0 136 1.0 1.8 219 0.108 BZW04P145 BZW04P145B 161 187 1.0 145 1.0 1.7 234 0.108 BZW04-145 BZW04-145B 161 179 1.0 145 1.0 1.7 234 0.108 BZW04P154 BZW04P154B 171 198 1.0 154 1.0 1.6 246 0.108 BZW04-154 BZW04-154B 171 189 1.0 154 1.0 1.6 246 0.108 BZW04P171 BZW04P171B 190 220 1.0 171 1.0 1.5 274 0.108 BZW04-171 BZW04-171B 190 210 1.0 171 1.0 1.5 274 0.108 BZW04P188 BZW04P188B 209 242 1.0 188 1.0 1.4 301 0.108 BZW04-188 BZW04-188B 209 231 1.0 188 1.0 1.4 301 0.108 BZW04P213 BZW04P213B 237 275 1.0 213 1.0 1.2 344 0.110 BZW04-213 BZW04-213B 237 263 1.0 213 1.0 1.2 344 0.110 BZW04P239 BZW04P239B 266 308 1.0 239 1.0 1.1 384 0.110 BZW04-239 BZW04-239B 266 294 1.0 239 1.0 1.1 384 0.110 BZW04P256 BZW04P256B 285 330 1.0 256 1.0 1.0 414 0.110 BZW04-256 BZW04-256B 285 315 1.0 256 1.0 1.0 414 0.110 BZW04P273 BZW04P273B 304 352 1.0 273 1.0 0.90 438 0.110 BZW04-273 BZW04-273B 304 336 1.0 273 1.0 0.90 438 0.110 BZW04P299 BZW04P299B 332 385 1.0 299 1.0 0.80 482 0.110 BZW04-299 BZW04-299B 332 368 1.0 299 1.0 0.80 482 0.110 BZW04P342 BZW04P342B 380 440 1.0 342 1.0 0.75 548 0.110 BZW04-342 BZW04-342B 380 420 1.0 342 1.0 0.75 548 0.110 BZW04P376 BZW04P376B 418 484 1.0 376 1.0 0.67 603 0.110 BZW04-376 BZW04-376B 418 462 1.0 376 1.0 0.67 603 0.110 ORDERING INFORMATION (Example) PREFERRED P/N UNIT WEIGHT (g) PREFERRED PACKAGE CODE BASE QUANTITY DELIVERY MODE BZW04P10-E3/54 0.350 54 550 13" diameter paper tape and reel BZW04P10HE3/54 (1) 0.350 54 550 13" diameter paper tape and reel ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted) PART NUMBER BREAKDOWN VOLTAGE VBR AT IT (1) (V) TEST CURRENT IT (mA) STAND- OFF VOLTAGE VWM (V) MAXIMUM REVERSE LEAKAGE AT VWM ID (4) ( A) MAXIMUM PEAK PULSE CURRENT IPPM (2) (A) MAXIMUM CLAMPING VOLTAGE AT IPPM VC (V) MAXIMUM TEMPERATURE COEFFICIENT OF VBR (%/°C) UNI-DIRECTIONAL BI-DIRECTIONAL MIN. MAX. |
Numéro de pièce similaire - BZW04P213 |
|
Description similaire - BZW04P213 |