Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA72730 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LA72730
Description  Audio/Video Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72730 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LA72730_10 Datasheet HTML 1Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 2Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 3Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 4Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 5Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 6Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 7Page - Sanyo Semicon Device LA72730_10 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ordering number : ENA1059A
Monolithic Linear IC
For TV
Audio/Video Switch
LA72730
Overview
The LA72730 is an Audio/Video Switch for TV.
Functions
• Audio
: Possible to Change 4 Channel
×2, ALC OUTPUT, 4dB Amplifier MONITOR OUTPUT
• Video
: Possible to Change 4 Channel, 6dB Amplifier
• Control : I2C (Slave address : 92h)
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Pin 8
7.0
V
Allowable power dissipation
Pd max
Ta
≤ 70°C
300
mW
Operating temperature
Topr
-20 to +70
°C
Storage temperature
Tstg
-55 to +150
°C
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended operating voltage
VCC
Pin 8
5.0
V
Operating voltage range
VCC op
Pin 8
4.5 to 5.5
V
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
21010 SY / 52108 MS PC 20080514-S00004 No.A1059-1/8


Numéro de pièce similaire - LA72730_10

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA72730 SANYO-LA72730 Datasheet
121Kb / 8P
   Monolithic Linear IC For TV Audio/Video Switch
More results

Description similaire - LA72730_10

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HA11508 HITACHI-HA11508 Datasheet
150Kb / 7P
   Audio-Video Switch
logo
Sanyo Semicon Device
LA7958 SANYO-LA7958_11 Datasheet
299Kb / 7P
   Audio/Video Switch
logo
STMicroelectronics
STV6414A STMICROELECTRONICS-STV6414A Datasheet
483Kb / 32P
   Audio/video switch matrix
STV6412A STMICROELECTRONICS-STV6412A Datasheet
472Kb / 24P
   AUDIO/VIDEO SWITCH MATRIX
STV6413 STMICROELECTRONICS-STV6413 Datasheet
626Kb / 28P
   Audio/Video Switch Matrix
STV6411A STMICROELECTRONICS-STV6411A Datasheet
191Kb / 20P
   AUDIO/VIDEO SWITCH MATRIX
STV6412B STMICROELECTRONICS-STV6412B Datasheet
501Kb / 32P
   Audio/video switch matrix
STV6410A STMICROELECTRONICS-STV6410A Datasheet
205Kb / 22P
   AUDIO/VIDEO SWITCH MATRIX
logo
Sanyo Semicon Device
LA7151 SANYO-LA7151 Datasheet
102Kb / 6P
   Audio/Video Switch for VCR Video Camera Use
logo
Sony Corporation
CXA1845Q SONY-CXA1845Q Datasheet
390Kb / 19P
   I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com