Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA42071 Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LA42071
Description  Audio Output for TV Application 5W횞1ch Power Ampilfier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42071 Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LA42071 Datasheet HTML 1Page - Sanyo Semicon Device LA42071 Datasheet HTML 2Page - Sanyo Semicon Device LA42071 Datasheet HTML 3Page - Sanyo Semicon Device LA42071 Datasheet HTML 4Page - Sanyo Semicon Device LA42071 Datasheet HTML 5Page - Sanyo Semicon Device LA42071 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LA42051
No.A1037-3/6
Block Diagram
Test Circuit
Description of External parts
C1
:
Input coupling capacitor, for which 1.0
μF is recommended. The potential of input pin is 2VBE
(about 1.4V). Therefore, the polarity must be determined according to the DC potential of the circuit
connected to the previous step of LA42051.
C2
:
Capacitor for ripple filter, for which 100
μF is recommended.
C3
:
Capacitor for attenuation of pop noise, for which 4.7
μF is recommended.
C4
:
Power supply capacitor.
C5
:
Output capacitor, for which 470
μF is recommended. Determine the constant while taking into account
a fact that, with the capacitance set to 470
μF or less, the roll-off frequency decreases in the low range.
Ripple
Filter
OUT
Vcc
PWR
GND
STB
IN
PRE
GND
P.P
C2
100 F
/16V
N.C.
1
2
3
4
5
6
7
8
9
10
11
12
13
C1
1 F
/10V
C3
4.7 F
/16V
C4
1000 F
/25V
LA42051
C5
470 F
/16V
N.C.
N.C.
RL
N.C.
N.C.


Numéro de pièce similaire - LA42071

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA42071 SANYO-LA42071 Datasheet
400Kb / 9P
   Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
More results

Description similaire - LA42071

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4225 SANYO-LA4225 Datasheet
116Kb / 3P
   Audio Output for TV application 5W Monaural Power Amplifier
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
LA42032 SANYO-LA42032 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42101 SANYO-LA42101 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 10W 횞 1ch Power Amplifier
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42102 SANYO-LA42102 Datasheet
88Kb / 8P
   Monolithic Linear IC Audio Output for TV application 10W 횞 2ch Power Amplifier
LA42152 SANYO-LA42152 Datasheet
192Kb / 5P
   Monolithic Linear IC Audio Output for TV application 15W 횞 2ch Power Amplifier
LA42210 SANYO-LA42210 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 10W 횞 2ch Power Amplifier
LA42105 SANYO-LA42105 Datasheet
80Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 5W 횞 1ch Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com