Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA70100M Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LA70100M
Description  SECAM Chroma-Signal Processor IC for VCR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA70100M Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LA70100M_06 Datasheet HTML 1Page - Sanyo Semicon Device LA70100M_06 Datasheet HTML 2Page - Sanyo Semicon Device LA70100M_06 Datasheet HTML 3Page - Sanyo Semicon Device LA70100M_06 Datasheet HTML 4Page - Sanyo Semicon Device LA70100M_06 Datasheet HTML 5Page - Sanyo Semicon Device LA70100M_06 Datasheet HTML 6Page - Sanyo Semicon Device LA70100M_06 Datasheet HTML 7Page - Sanyo Semicon Device LA70100M_06 Datasheet HTML 8Page - Sanyo Semicon Device LA70100M_06 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LA70100M
No.7204-4/16
Continued from preceding page.
Ratings
Parameter
Symbol
In
Out
Conditions
min
typ
max
Unit
SECAM detection
characteristics-1
VSCMP1
V25
V26
T28
( see notes-15 )
4.5
V
SECAM detection
characteristics-2
VSCMP2
V25
V26
T28
( see notes-15 )
0.5
V
R/P control threshold voltage
VTRP
T17
Minimum voltage of T16 under normal PB
condition
2.3
2.5
2.7
V
Clock input level
VCLK
T2
T9
T2 = Sign Wave (4.433619MHz), SW9 = ON
Minimum voltage of T9 at phase locked T2
with T8.
100
200
800
mVp-p
Sync signal input threshold level
VTHS
T29
T28
Minimum voltage of T29 at BGP outputs
normally from T28. T9 = 5V
1.8
2.0
2.2
Vp-p
SECAM DET comparator
threshold voltage
VTCOMP
T27
T28
Minimum applied voltage of T27 at T28 = H.
3.2
3.5
3.8
V
Supplemental Description
(Note 1) REC mode BELL center frequency (FBLR1, FBLR2, FBLR3) :
Input a sine wave (200mVpp, 4 to 5MHz) to T16 and measure the amplitude at T20. Assign to FBLR1 (T10=OPEN),
FBLR2 (T10=0V), FBLR3 (T10=5V) the frequency at T16 where the amplitude is maximized.
(Note 3) REC EQ (1.1MHz A-BELL) center frequency (FEQR) :
Observe the waveform at T11 when T12=sine wave (200mVpp, 4 to 5MHz, BIAS=4V) is input and assign to FEQR
the frequency at T11 where the amplitude is minimized.
(Note 4) Assign to V15R the voltage of T15 at the time of VAGC measurement.
(Note 5) PB EQ (1.1MHz BELL) center frequency (FEQP) :
Input a sine wave (50mVpp, 1 to 1.2MHz) to T14 and assign to FEQP the frequency at T14 where the signal level of
T11 is maximized.
(Note 6) PB 4.3MHz A-BELL center frequency (1 FBLP1) / (2 FBLP2) / (3 FBLP3) :
Input a sine wave (200mVpp, 1 to 1.2MHz, BIAS=4V)) to T18 and assign to FBQP1 (T10=OPEN), FBQP2
(T10=0V), FBEQP3 (T10=5V) the frequency at T18 where the signal level at T20 is minimized.
SECAM standard color bar signal (75%)
Fig.1
DR
DB
T29
1.5
µs
T16
4.40625MHz
214.5mVpp
4.25MHz
166.7mVpp


Numéro de pièce similaire - LA70100M_06

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA70100M SANYO-LA70100M_07 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
More results

Description similaire - LA70100M_06

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA70100M SANYO-LA70100M_07 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
LA70100M SANYO-LA70100M Datasheet
612Kb / 16P
   SECAM CHROMA- SIGNAL PROCESSOR IC FOR VCR
LA7358M SANYO-LA7358M Datasheet
433Kb / 17P
   Monolithic Linear IC For VCR SECAM Chroma Signal Processor
logo
Mitsubishi Electric Sem...
M52026SP MITSUBISHI-M52026SP Datasheet
870Kb / 13P
   SECAM CHROMA SIGNAL PROCESSOR
M51404AFP MITSUBISHI-M51404AFP Datasheet
289Kb / 10P
   SECAM SYSTEM CHROMA SIGNAL PROCESSOR
logo
Rohm
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7337 SANYO-LA7337 Datasheet
123Kb / 7P
   SECAM-Format VCR Chroma Signal-Processing Circuit
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7316A-N SANYO-LA7316A-N Datasheet
127Kb / 5P
   VCR VHS Chroma Signal Processor
logo
Mitsubishi Electric Sem...
M52057FP MITSUBISHI-M52057FP Datasheet
617Kb / 10P
   VHS SYSTEM VCR CHROMA SIGNAL PROCESSOR???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com