Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA7791T Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LA7791T
Description  For CATV/Cable Modem Variable Gain Controlled Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7791T Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LA7791T Datasheet HTML 1Page - Sanyo Semicon Device LA7791T Datasheet HTML 2Page - Sanyo Semicon Device LA7791T Datasheet HTML 3Page - Sanyo Semicon Device LA7791T Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LA7791T
No.A1144-3/4
0.65
(0.33)
6.5
0.15
1
10
20
11
0.22
SIDE VIEW
BOTTOM VIEW
Exposed Die-Pad
TOP VIEW
SANYO : TSSOP20J(225mil)
Serial Timing Characteristics
Ratings
Parameter
Symbol
Pin No.
Conditions
min
typ
max
Unit
CE to CL Rise Setup Time
tSENS
8,10
100
ns
CE to CL Rise Hold Time
tSENH
8,10
100
ns
DI to CL Setup Time
tSDAS
9,10
100
ns
DI to CL Hold Time
tSDAH
9,10
100
ns
DI Pulse Width High
tDATAH
9
200
ns
DI Pulse Width Low
tDATAL
9
300
ns
CL Pulse Width High
tSCKH
10
200
ns
CL Pulse Width Low
tSCKL
10
300
ns
CE
CL
DI
AB
C
D
E
F
G
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
A) tSENS
E) tSCKH
B) tSDATAH/tSDATAL
F) tSCKL
C) tSDAS
G) tSENH
D) tSDAH
Package Dimensions
unit : mm (typ)
3279


Numéro de pièce similaire - LA7791T

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA7790M SANYO-LA7790M Datasheet
174Kb / 14P
   QPSK Transmitter for Cable TV
LA7793V SANYO-LA7793V Datasheet
71Kb / 4P
   With Driver amplifier for ADC AGC amplifier
LA7795T SANYO-LA7795T Datasheet
184Kb / 8P
   AGC Amplifier with Step Gain Control
LA7796T SANYO-LA7796T Datasheet
113Kb / 8P
   For Digital CATV/Cable Modem Receiver AGC Amplifier
More results

Description similaire - LA7791T

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
MAAM-011122 MA-COM-MAAM-011122_15 Datasheet
666Kb / 9P
   Differential CATV Variable Gain Amplifier
MAAM-011194 MA-COM-MAAM-011194 Datasheet
1Mb / 10P
   Differential CATV Variable Gain Amplifier
MAAM-010399 MA-COM-MAAM-010399 Datasheet
377Kb / 6P
   Differential CATV Variable Gain Amplifier
MAAM-011122 MA-COM-MAAM-011122 Datasheet
666Kb / 9P
   Differential CATV Variable Gain Amplifier
MAAM-010399 MA-COM-MAAM-010399_15 Datasheet
1Mb / 9P
   Differential CATV Variable Gain Amplifier
MAAM-011168 MA-COM-MAAM-011168 Datasheet
1Mb / 16P
   Differential CATV Variable Gain Amplifier
MAAM-011186 MA-COM-MAAM-011186 Datasheet
1Mb / 13P
   Differential CATV Variable Gain Amplifier
logo
Sanyo Semicon Device
LA7796T SANYO-LA7796T Datasheet
113Kb / 8P
   For Digital CATV/Cable Modem Receiver AGC Amplifier
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RVA1007L RFMD-RVA1007L Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com