Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYM11-50 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce BYM11-50
Description  Surface Mount Glass Passivated Junction Fast Switching Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYM11-50 Fiches technique(HTML) 3 Page - Vishay Siliconix

  BYM11-50 Datasheet HTML 1Page - Vishay Siliconix BYM11-50 Datasheet HTML 2Page - Vishay Siliconix BYM11-50 Datasheet HTML 3Page - Vishay Siliconix BYM11-50 Datasheet HTML 4Page - Vishay Siliconix BYM11-50 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 88547
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 15-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BYM11-50 thru BYM11-1000, RGL41A thru RGL41M
Vishay General Semiconductor
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
25
50
75
100
125
150
175
0
0.25
0.50
0.75
1.00
1.25
Terminal Temperature (°C)
Resistive or
Inductive Load
1
10
100
0
10
15
20
25
30
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
Instantaneous Forward Voltage (V)
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
0
20
40
60
80
100
0.01
0.1
1
10
Percent of Rated Peak Reverse Voltage (%)
T
J = 100 °C
T
J = 25 °C
1
10
100
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
0.1
1
10
100
0.1
1
10
100
Mounted on 0.20" x 0.27" (5 mm x 7 mm)
Copper Pad Areas
t - Pulse Duration (s)


Numéro de pièce similaire - BYM11-50

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BYM11-50 VISHAY-BYM11-50 Datasheet
97Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
26-Jun-06
BYM11-50 VISHAY-BYM11-50 Datasheet
111Kb / 5P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Apr-08
logo
SUNMATE electronic Co.,...
BYM11-50 SUNMATE-BYM11-50 Datasheet
340Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER DIODES
logo
Vishay Siliconix
BYM11-50 VISHAY-BYM11-50_08 Datasheet
111Kb / 5P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Apr-08
More results

Description similaire - BYM11-50

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
RGF1D-E3 VISHAY-RGF1D-E3 Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
RGL41X VISHAY-RGL41X Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
RGL34J-E3 VISHAY-RGL34J-E3 Datasheet
97Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
30-Jun-06
RGL34K-E3-98 VISHAY-RGL34K-E3-98 Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
logo
GOOD-ARK Electronics
GRN3 GOOD-ARK-GRN3 Datasheet
170Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
BYM11-50 VISHAY-BYM11-50 Datasheet
97Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
26-Jun-06
RGF1A VISHAY-RGF1A_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
RGF1 VISHAY-RGF1 Datasheet
35Kb / 2P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
08-Feb-02
RGF1A VISHAY-RGF1A_V01 Datasheet
89Kb / 4P
   Surface-Mount Glass Passivated Junction Fast Switching Rectifier
01-Jan-2022
BYM11-50 VISHAY-BYM11-50_08 Datasheet
111Kb / 5P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Apr-08
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com