Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA6358N Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LA6358N
Description  High-Performance Dual Operational Amplifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6358N Fiches technique(HTML) 6 Page - Sanyo Semicon Device

  LA6358N_10 Datasheet HTML 1Page - Sanyo Semicon Device LA6358N_10 Datasheet HTML 2Page - Sanyo Semicon Device LA6358N_10 Datasheet HTML 3Page - Sanyo Semicon Device LA6358N_10 Datasheet HTML 4Page - Sanyo Semicon Device LA6358N_10 Datasheet HTML 5Page - Sanyo Semicon Device LA6358N_10 Datasheet HTML 6Page - Sanyo Semicon Device LA6358N_10 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LA6358N, 6358NS, 6358NM, 6358NT
No.5234-6/7
Ambient temperature, Ta – °C
IO(source) -- Ta
0
10
5
20
15
30
25
40
35
50
55
45
60
--20
--10
20
10
040
30
60
70
50
80
Frequency, f – Hz
VO -- f
0
4
8
12
16
20
24
1k
3
25
10k
3
25
100k
3
25
1M
Frequency, f – Hz
VG -- f
0
20
40
60
80
100
120
140
1
100
10
1k
10k
100k
10M
1M
Supply voltage, VCC –V
VG -- VCC
0
20
40
60
80
100
120
140
160
010
15
520
25
30
35
40
RL=20kΩ
2k
Ω
Ambient temperature, Ta – °C
Pd max -- Ta
0
100
200
300
400
500
570
600
700
--40
--20
0
20
40
60
80
100
Ambient temperature, Ta – °C
Pd max -- Ta
0
50
100
70
150
170
200
--40
--20
0
20
40
60
80
100
Ambient temperature, Ta – °C
Pd max -- Ta
0
40
80
120
160
200
240
280
320
--40
--20
0
20
40
60
80
100
LA6358N,6358NS
LA6358NT
Independent IC
LA6358NM
15V
VIN
VCC
V
CC
=30V
10
to
15V
VIN
VO
VO
7V
100k
Ω
10M
Ω
0.1
μF
1k
Ω
VCC
2


Numéro de pièce similaire - LA6358N_10

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_12 Datasheet
92Kb / 7P
   High-Performance Dual Operational Amplifiers
More results

Description similaire - LA6358N_10

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6462M SANYO-LA6462M Datasheet
107Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
National Semiconductor ...
LH2101A NSC-LH2101A Datasheet
85Kb / 3P
   DUAL HIGH PERFORMANCE OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6458D SANYO-LA6458D Datasheet
160Kb / 4P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
MC1458 STMICROELECTRONICS-MC1458 Datasheet
136Kb / 6P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N Datasheet
108Kb / 4P
   High-Performance Dual Operational Amplifiers
LA6458M SANYO-LA6458M Datasheet
99Kb / 5P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204 Datasheet
141Kb / 10P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
April 1998
MC1458ID STMICROELECTRONICS-MC1458ID Datasheet
142Kb / 6P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
logo
Sanyo Semicon Device
LA6358N SANYO-LA6358N_12 Datasheet
92Kb / 7P
   High-Performance Dual Operational Amplifiers
logo
STMicroelectronics
MC1458IN STMICROELECTRONICS-MC1458IN Datasheet
142Kb / 6P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com