Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA4625 Fiches technique(PDF) 7 Page - Sanyo Semicon Device

No de pièce LA4625
Description  2-channel 13.5W BTL Audio Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4625 Fiches technique(HTML) 7 Page - Sanyo Semicon Device

  LA4625_08 Datasheet HTML 1Page - Sanyo Semicon Device LA4625_08 Datasheet HTML 2Page - Sanyo Semicon Device LA4625_08 Datasheet HTML 3Page - Sanyo Semicon Device LA4625_08 Datasheet HTML 4Page - Sanyo Semicon Device LA4625_08 Datasheet HTML 5Page - Sanyo Semicon Device LA4625_08 Datasheet HTML 6Page - Sanyo Semicon Device LA4625_08 Datasheet HTML 7Page - Sanyo Semicon Device LA4625_08 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LA4625
No.6631-7/8
OUT2
OUT1
SVRR -- VCC
4
-120
-100
-80
-60
-40
-20
0
6
7
8
10
1214
161820
22
Rg = 0
fR = 100Hz
VCCR = 0dBm
VN -- VCC
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
RL = 4Ω
Rg = 0
OUT1
OUT2
SVRR -- fR
23
5 7
-100
-80
-60
-40
-20
0
10
100
23
5 7 1k
23
5 7 10k 23 5 7100k
VCC = 12V
VCCR = 0dBm
RL = 4Ω
Rg = 0
ICCO -- VCC
0
4
8
12
16202428
3236
0
20
40
60
80
100
120
140
160
180
RL = Open
Rg = 0
Pd, ICC -- PO
2
10
1.0
3
2
7
5
100
3
2
7
5
1.0
3
2
7
5
10
3
2
7
5
35
1.0
0.1
72
3
5
10
72
3
5
100
7
RL = 4Ω
Rg = 600
f = 1kHz
V CC
= 15V
I CC
VCC
= 12V
Amp ON time
0
0.2
0.4
0.6
0.8
1.0
23
5
7
1.0
10
23
5
7
100
C3 --
µF
VCC = 12V
VST = 5V
100Hz OUT1
3kHz OUT1
3kHz OUT2
SVRR = 20log
VO
VCCR
100Hz OUT2
SVRR -- VCCR
0
-100
-80
-60
-40
-20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VCC = 12V
RL = 4Ω
0.1
Supply voltage, VCC -- V
Ripple frequency, fR -- Hz
Supply voltage, VCC -- V
Output power, PO -- W/CH
Power supply ripple, VCCR -- Vrms
Supply voltage, VCC -- V


Numéro de pièce similaire - LA4625_08

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LA4625-E ONSEMI-LA4625-E Datasheet
200Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625_10 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
More results

Description similaire - LA4625_08

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625_10 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4625-E ONSEMI-LA4625-E Datasheet
200Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
Jan-2011, Rev. 0
LA4625 ONSEMI-LA4625 Datasheet
234Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4725 SANYO-LA4725_09 Datasheet
129Kb / 8P
   2-channel 30W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4725 ONSEMI-LA4725 Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
EN5715A ONSEMI-EN5715A Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628_08 Datasheet
131Kb / 8P
   For General Audio 20W 2-Channel BTL Power Amplifier
logo
ON Semiconductor
LA4628 ONSEMI-LA4628 Datasheet
221Kb / 8P
   2-Channel BTL Power Amplifier
May, 2013
logo
NXP Semiconductors
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
logo
Toshiba Semiconductor
TA8201AK TOSHIBA-TA8201AK Datasheet
413Kb / 8P
   BTL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com