Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA1844M Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LA1844M
Description  For Home Stereo Single-chip Tuner IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1844M Fiches technique(HTML) 6 Page - Sanyo Semicon Device

Back Button LA1844M Datasheet HTML 2Page - Sanyo Semicon Device LA1844M Datasheet HTML 3Page - Sanyo Semicon Device LA1844M Datasheet HTML 4Page - Sanyo Semicon Device LA1844M Datasheet HTML 5Page - Sanyo Semicon Device LA1844M Datasheet HTML 6Page - Sanyo Semicon Device LA1844M Datasheet HTML 7Page - Sanyo Semicon Device LA1844M Datasheet HTML 8Page - Sanyo Semicon Device LA1844M Datasheet HTML 9Page - Sanyo Semicon Device LA1844M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
LA1844,LA1844M
No.7930A-6/11
Pin Functions
Pin No.
Function
Pin voltage
(V)
Equivalent circuit
Notes
1
FM IF input
Vreg
Input impedance Ri = 330Ω
2
AM mixer output
VCC
Connect the mixer coil between this pin and VCC
3
REG
2.1
Vreg = 2.4V
4
AM IF input
Vreg
Input impedance Ri = 2kΩ
5
GND
0
6
7
Tu-LED
ST-LED / AM-IF
output
VCC
Active low
Open collector
8
FM detector
VCC
The 600BEAS-10471 (Toko Mfg. Co., Ltd.) is
recommended for detector coil.
9
VCC
5.0
10
AM / FM IF
counter output,
output control
switch,
mute switch
0
V10 ≤ 0.5V : Reception state (Normal)
1.4V
≤ V10 ≤ 2.2V : Muting on (Mute)
V10 ≥ 3.5V : IF counter output and muting on
(Seek)
11
Phase comparator
low-pass filter
(AM/FM switching)
VCC-1.0
The device operates in AM mode when a current
of over 200
μA flows from pin 12.
Continued on next page.


Numéro de pièce similaire - LA1844M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
More results

Description similaire - LA1844M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
LA1837M SANYO-LA1837M_06 Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
LA1833N SANYO-LA1833N Datasheet
101Kb / 10P
   System-on-Chip Tuner IC for Home Stereo Systems
logo
Panasonic Semiconductor
AN18208A PANASONIC-AN18208A Datasheet
731Kb / 37P
   Tuner IC for home-audio stereo set
AN18207A PANASONIC-AN18207A Datasheet
730Kb / 38P
   Tuner IC for home-audio stereo set
logo
Sanyo Semicon Device
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N Datasheet
190Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1835 SANYO-LA1835 Datasheet
338Kb / 14P
   Home Stereo Single-Chip Tuner IC with Electronic Tuning Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com