Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54-V Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce BAT54-V
Description  Small Signal Schottky Diodes, Single and Dual
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAT54-V Fiches technique(HTML) 3 Page - Vishay Siliconix

  BAT54-V_10 Datasheet HTML 1Page - Vishay Siliconix BAT54-V_10 Datasheet HTML 2Page - Vishay Siliconix BAT54-V_10 Datasheet HTML 3Page - Vishay Siliconix BAT54-V_10 Datasheet HTML 4Page - Vishay Siliconix BAT54-V_10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAT54-V, BAT54A-V, BAT54C-V, BAT54S-V
Document Number 85508
Rev. 1.7, 16-Jul-10
Vishay Semiconductors
www.vishay.com
3
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Package Dimensions in millimeters (inches): SOT-23
Figure 3. Typical Variation of Reverse Current
vs. Various Temperatures
100
1000
10
1
0.1
0.01
510
15
20
025
30
VR - Reverse Voltage (V)
18869
= 125 °C
Tj
100 °C
75 °C
50 °C
25 °C
Foot print recommendation:
Rev. 8 - Date: 23.Sept.2009
17418
Document no.: 6.541-5014.01-4
0.9 (0.035)
1 (0.039)
0.9 (0.035)
1 (0.039)
0.45 (0.018)
0.35 (0.014)
2.8 (0.110)
3.1 (0.122)
0.45 (0.018)
0.35 (0.014)
0.45 (0.018)
0.35 (0.014)
2.35 (0.093)
2.6 (0.102)
0.95 (0.037)
0.95 (0.037)
0.7 (0.028)
0.3 (0.012)
0.5 (0.020)
0.550 ref. (0.022 ref.)


Numéro de pièce similaire - BAT54-V_10

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BAT54-V VISHAY-BAT54-V_12 Datasheet
81Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.7, 16-Jul-10
More results

Description similaire - BAT54-V_10

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BAS70-00-G VISHAY-BAS70-00-G_V01 Datasheet
91Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAT54-V VISHAY-BAT54-V_12 Datasheet
81Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.7, 16-Jul-10
BAT54 VISHAY-BAT54_V01 Datasheet
92Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAT54-V-G VISHAY-BAT54-V-G_10 Datasheet
82Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.0, 28-Jun-10
BAT54-G VISHAY-BAT54-G_V01 Datasheet
102Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAS40-00-G VISHAY-BAS40-00-G Datasheet
89Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
Rev. 1.0, 25-Feb-13
BAS40-00 VISHAY-BAS40-00 Datasheet
81Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
Rev. 2.0, 25-Feb-13
BAS40-00-G VISHAY-BAS40-00-G_V01 Datasheet
91Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAS40-00 VISHAY-BAS40-00_V01 Datasheet
92Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAS70-00 VISHAY-BAS70-00_V01 Datasheet
89Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com