Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS385 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce BAS385
Description  Small Signal Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS385 Fiches technique(HTML) 1 Page - Vishay Siliconix

  BAS385 Datasheet HTML 1Page - Vishay Siliconix BAS385 Datasheet HTML 2Page - Vishay Siliconix BAS385 Datasheet HTML 3Page - Vishay Siliconix BAS385 Datasheet HTML 4Page - Vishay Siliconix BAS385 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAS385
Document Number 85504
Rev. 2.0, 09-Jun-10
Vishay Semiconductors
www.vishay.com
1
9612315
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Small Signal Schottky Diode
Features
• Integrated protection ring against static
discharge
• Very low forward voltage
• AEC-Q101 qualified
• Compliant to RoHS directive 2002/95/EC
and in accordance to WEEE 2002/96/EC
• Halogen-free according to IEC 61249-2-21
definition
Applications
• Applications where a very low forward voltage is
required
Mechanical Data
Case: MicroMELF
Weight: approx. 12 mg
Cathode band color: black
Packaging codes/options:
TR3/10 k per 13" reel (8 mm tape), 10 k/box
TR/2.5 k per 7" reel (8 mm tape), 12.5 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Ordering code
Remarks
BAS385
VR = 30 V
BAS385-TR3 or BAS385-TR
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
30
V
Peak forward surge current
tp = 10 ms
IFSM
5A
Repetitive peak forward current
tp ≤ 1 s
IFRM
300
mA
Forward continuous current
IF
200
mA
Average forward current
VRWM = 25 V
IFAV
200
mA
Parameter
Test condition
Symbol
Value
Unit
Junction to ambient air
on PC board
50 mm x 50 mm x 1.6 mm
RthJA
320
K/W
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
- 65 to + 150
°C


Numéro de pièce similaire - BAS385

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BAS385 VISHAY-BAS385 Datasheet
50Kb / 4P
   Schottky Barrier Diode
Rev. 3, 01-Apr-99
BAS385 VISHAY-BAS385 Datasheet
131Kb / 5P
   Small Signal Schottky Diode
Rev. 1.9, 07-Mar-06
BAS385 VISHAY-BAS385 Datasheet
152Kb / 4P
   Small Signal Schottky Diode
Rev. 2.0, 09-Jun-10
BAS385 VISHAY-BAS385 Datasheet
88Kb / 4P
   Small Signal Schottky Diode
01-Jan-2022
BAS385-TR VISHAY-BAS385-TR Datasheet
131Kb / 5P
   Small Signal Schottky Diode
Rev. 1.9, 07-Mar-06
More results

Description similaire - BAS385

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com