Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM31256 Fiches technique(PDF) 6 Page - Ramtron International Corporation

No de pièce FM31256
Description  Integrated Processor Companion with Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31256 Fiches technique(HTML) 6 Page - Ramtron International Corporation

Back Button FM31256 Datasheet HTML 2Page - Ramtron International Corporation FM31256 Datasheet HTML 3Page - Ramtron International Corporation FM31256 Datasheet HTML 4Page - Ramtron International Corporation FM31256 Datasheet HTML 5Page - Ramtron International Corporation FM31256 Datasheet HTML 6Page - Ramtron International Corporation FM31256 Datasheet HTML 7Page - Ramtron International Corporation FM31256 Datasheet HTML 8Page - Ramtron International Corporation FM31256 Datasheet HTML 9Page - Ramtron International Corporation FM31256 Datasheet HTML 10Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
FM3104/16/64/256
Rev. 2.1
Sept. 2011
Page 6 of 26
The voltage on the PFI input pin is compared to an
onboard 1.2V reference. When the PFI input voltage
drops below this threshold, the comparator will drive
the CAL/PFO pin to a low state. The comparator has
100 mV (max) of hysteresis to reduce noise
sensitivity, only for a rising PFI signal. For a falling
PFI edge, there is no hysteresis.
The comparator is a general purpose device and its
application is not limited to the NMI function.
The comparator is not integrated into the special
function registers except as it shares its output pin
with the CAL output. When the RTC calibration
mode is invoked by setting the CAL bit (register 00h,
bit 2), the CAL/PFO output pin will be driven with a
512 Hz square wave and the comparator will be
ignored. Since most users only invoke the calibration
mode during production, this should have no impact
on system operations using the comparator.
Note: The maximum voltage on the comparator input PFI
is limited to 3.75V under normal operating conditions.
Event Counter
The FM31xx offers the user two battery-backed event
counters.
Input
pins
CNT1
and
CNT2
are
programmable edge detectors. Each clocks a 16-bit
counter. When an edge occurs, the counters will
increment their respective registers. Counter 1 is
located in registers 0Dh and 0Eh, Counter 2 is
located in registers 0Fh and 10h. These register
values can be read anytime VDD is above VTP, and
they will be incremented as long as a valid VBAK
power source is provided. To read, set the RC bit
register 0Ch bit 3 to 1. This takes a snapshot of all
four counter bytes allowing a stable value even if a
count occurs during the read. The registers can be
written by software allowing the counters to be
cleared or initialized by the system. Counts are
blocked during a write operation. The two counters
can be cascaded to create a single 32-bit counter by
setting the CC control bit (register 0Ch). When
cascaded, the CNT1 input will cause the counter to
increment. CNT2 is not used in this mode.
Figure 6. Event Counter
The control bits for event counting are located in
register 0Ch. Counter 1 Polarity is bit C1P, bit 0;
Counter 2 Polarity is C2P, bit 1; the Cascade Control
is CC, bit 2; and the Read Counter bit is RC bit 3.
The polarity bits must be set prior to setting the
counter value(s). If a polarity bit is changed, the
counter may inadvertently increment. If the counter
pins are not being used, tie them to ground.
Serial Number
A memory location to write a 64-bit serial number is
provided. It is a writeable nonvolatile memory block
that can be locked by the user once the serial number
is set. The 8 bytes of data and the lock bit are all
accessed via the device ID for the processor
companion. Therefore the serial number area is
separate and distinct from the memory array. The
serial number registers can be written an unlimited
number of times, so these locations are general
purpose memory. However once the lock bit is set the
values cannot be altered and the lock cannot be
removed. Once locked the serial number registers can
still be read by the system.
The serial number is located in registers 11h to 18h.
The lock bit is SNL, register 0Bh bit 7. Setting the
SNL bit to a 1 disables writes to the serial number
registers, and the SNL bit cannot be cleared.
Real-Time Clock Operation
The real-time clock (RTC) is a timekeeping device
that
can
be
battery
or
capacitor
backed
for
permanently-powered operation. It offers a software
calibration feature that allows high accuracy.
The RTC consists of an oscillator, clock divider, and
a register system for user access. It divides down the
32.768 kHz time-base and provides a minimum
resolution of seconds (1Hz). Static registers provide
the user with read/write access to the time values. It
includes registers for seconds, minutes, hours, day-
of-the-week, date, months, and years. A block
diagram (Figure 7) illustrates the RTC function.
The
user
registers
are
synchronized
with
the
timekeeper core using R and W bits in register 00h
described below. Changing the R bit from 0 to 1
transfers timekeeping information from the core into
holding registers that can be read by the user. If a
timekeeper update is pending when R is set, then the
core will be updated prior to loading the user
registers. The registers are frozen and will not be
updated again until the R bit is cleared to 0. R is used
for reading the time.
Setting the W bit to 1 locks the user registers.
Clearing it to 0 causes the values in the user registers
16-bit Counter
CNT1
CC
CNT2
C1P
C2P
16-bit Counter


Numéro de pièce similaire - FM31256

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FM31256 ETC1-FM31256 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
FM31256 RAMTRON-FM31256 Datasheet
1Mb / 8P
   Nonvolatile F-RAM Memory Module (TWR-FRAM)
logo
Cypress Semiconductor
FM31256 CYPRESS-FM31256 Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256 CYPRESS-FM31256 Datasheet
579Kb / 33P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
More results

Description similaire - FM31256

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com