Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25040C-GTR Fiches technique(PDF) 5 Page - Ramtron International Corporation

No de pièce FM25040C-GTR
Description  4Kb Serial 5V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25040C-GTR Fiches technique(HTML) 5 Page - Ramtron International Corporation

  FM25040C-GTR Datasheet HTML 1Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 2Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 3Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 4Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 5Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 6Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 7Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 8Page - Ramtron International Corporation FM25040C-GTR Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
FM25040C - 4Kb 5V SPI F-RAM
Rev. 1.1
July 2011
Page 5 of
13
Data Transfer
All data transfers to and from the FM25040C occur
in 8-bit groups. They are synchronized to the clock
signal (SCK) and they transfer most significant bit
(MSB) first. The serial input data is clocked in on
the rising edge of SCK. The serial data output is
driven from the falling edge of SCK.
Command Structure
There are six commands called op-codes that can be
issued by the bus master to the FM25040C. They are
listed in the table below. These op-codes control the
functions performed by the memory. They can be
divided
into
three
categories.
First,
there
are
commands that have no subsequent data transfer.
They perform a single function, such as, enabling a
write operation. Second are commands followed by
one byte, either in or out. They operate on the status
register.
Third
are
commands
for
memory
transactions followed by address and one or more
bytes of data.
Table 1. Op-code Commands
Name
Description
Op-code
WREN
Set Write Enable Latch
0000_0110b
WRDI
Write Disable
0000_0100b
RDSR
Read Status Register
0000_0101b
WRSR
Write Status Register
0000_0001b
READ
Read Memory Data
0000_A011b
WRITE
Write Memory Data
0000_A010b
WREN - Set Write Enable Latch
The FM25040C will power up with writes disabled.
The WREN command must be issued prior to any
write operation. Sending the WREN op-code will
allow the user to issue subsequent op-codes for
write operations. These include writing the status
register and writing the memory.
Sending the WREN op-code causes the internal
Write Enable Latch to be set. A flag bit in the status
register, called WEL, indicates the state of the latch.
WEL=1 indicates that writes are permitted. A write
to the status register has no effect on the WEL bit.
Completing any write operation will automatically
clear the write-enable latch and prevent further
writes without another WREN command. Figure 5
below
illustrates
the
WREN
command
bus
configuration.
WRDI - Write Disable
The WRDI command disables all write activity by
clearing the Write Enable Latch. The user can verify
that writes are disabled by reading the WEL bit in
the status register and verifying that WEL=0. Figure
6 illustrates the WRDI command bus configuration.
Figure 6. WRDI Bus Configuration
Figure 5. WREN Bus Configuration


Numéro de pièce similaire - FM25040C-GTR

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM25040-P ETC-FM25040-P Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM25040-S ETC-FM25040-S Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
FM25040A-G RAMTRON-FM25040A-G Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
More results

Description similaire - FM25040C-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
FM24C04B CYPRESS-FM24C04B_13 Datasheet
324Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C04C RAMTRON-FM24C04C Datasheet
261Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM24C04B RAMTRON-FM24C04B Datasheet
293Kb / 12P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C04B CYPRESS-FM24C04B Datasheet
335Kb / 12P
   4Kb Serial 5V F-RAM Memory
FM25040B CYPRESS-FM25040B_13 Datasheet
402Kb / 14P
   4Kb Serial 5V F-RAM Memory
FM25040B-GA CYPRESS-FM25040B-GA Datasheet
419Kb / 14P
   Automotive Temp. 4Kb Serial 5V F-RAM Memory
FM24CL04B CYPRESS-FM24CL04B_13 Datasheet
325Kb / 13P
   4Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
   4Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com