Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25VN05-GTR Fiches technique(PDF) 2 Page - Ramtron International Corporation

No de pièce FM25VN05-GTR
Description  512Kb Serial 3V F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25VN05-GTR Fiches technique(HTML) 2 Page - Ramtron International Corporation

  FM25VN05-GTR Datasheet HTML 1Page - Ramtron International Corporation FM25VN05-GTR Datasheet HTML 2Page - Ramtron International Corporation FM25VN05-GTR Datasheet HTML 3Page - Ramtron International Corporation FM25VN05-GTR Datasheet HTML 4Page - Ramtron International Corporation FM25VN05-GTR Datasheet HTML 5Page - Ramtron International Corporation FM25VN05-GTR Datasheet HTML 6Page - Ramtron International Corporation FM25VN05-GTR Datasheet HTML 7Page - Ramtron International Corporation FM25VN05-GTR Datasheet HTML 8Page - Ramtron International Corporation FM25VN05-GTR Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
FM25V05 - 512Kb SPI FRAM
Rev. 2.0
May 2010
Page 2 of 16
Instruction Decode
Clock Generator
Control Logic
Write Protect
Instruction Register
Address Register
Counter
8192 x 64
FRAM Array
16
Data I/O Register
8
Nonvolatile Status
Register
3
W
S
C
Q
D
HOLD
Figure 1. Block Diagram
Pin Descriptions
Pin Name
I/O
Description
/S
Input
Chip Select: This active-low input activates the device. When high, the device enters
low-power standby mode, ignores other inputs, and all outputs are tri-stated. When
low, the device internally activates the C signal. A falling edge on /S must occur prior
to every op-code.
C
Input
Serial Clock: All I/O activity is synchronized to the serial clock. Inputs are latched on
the rising edge and outputs occur on the falling edge. Since the device is static, the
clock frequency may be any value between 0 and 40 MHz and may be interrupted at
any time.
/HOLD
Input
Hold: The /HOLD pin is used when the host CPU must interrupt a memory operation
for another task. When /HOLD is low, the current operation is suspended. The device
ignores any transition on C or /S. All transitions on /HOLD must occur while C is low.
This pin has a weak internal pull-up (see RIN spec, pg 11). However, if it is not used,
the /HOLD pin should be tied to VDD.
/W
Input
Write Protect: This active-low pin prevents write operations to the Status Register
only. A complete explanation of write protection is provided on pages 6 and 7. If not
used, the /W pin should be tied to VDD.
D
Input
Serial Input: All data is input to the device on this pin. The pin is sampled on the
rising edge of C and is ignored at other times. It should always be driven to a valid
logic level to meet IDD specifications.
* D may be connected to Q for a single pin data interface.
Q
Output
Serial Output: This is the data output pin. It is driven during a read and remains tri-
stated at all other times including when /HOLD is low. Data transitions are driven on
the falling edge of the serial clock.
* Q may be connected to D for a single pin data interface.
VDD
Supply
Power Supply
VSS
Supply
Ground


Numéro de pièce similaire - FM25VN05-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM25VN05-GTR CYPRESS-FM25VN05-GTR Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
More results

Description similaire - FM25VN05-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM24V05 RAMTRON-FM24V05_10 Datasheet
347Kb / 16P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V05 CYPRESS-FM25V05 Datasheet
532Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM25V05 CYPRESS-FM25V05_13 Datasheet
486Kb / 17P
   512Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V05 RAMTRON-FM24V05 Datasheet
200Kb / 15P
   512Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V05 CYPRESS-FM24V05 Datasheet
403Kb / 16P
   512Kb Serial 3V F-RAM Memory
FM24V05 CYPRESS-FM24V05_13 Datasheet
387Kb / 17P
   512Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com