Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25VN02-G Fiches technique(PDF) 5 Page - Ramtron International Corporation

No de pièce FM25VN02-G
Description  256Kb Serial 3V F-RAM Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25VN02-G Fiches technique(HTML) 5 Page - Ramtron International Corporation

  FM25VN02-G Datasheet HTML 1Page - Ramtron International Corporation FM25VN02-G Datasheet HTML 2Page - Ramtron International Corporation FM25VN02-G Datasheet HTML 3Page - Ramtron International Corporation FM25VN02-G Datasheet HTML 4Page - Ramtron International Corporation FM25VN02-G Datasheet HTML 5Page - Ramtron International Corporation FM25VN02-G Datasheet HTML 6Page - Ramtron International Corporation FM25VN02-G Datasheet HTML 7Page - Ramtron International Corporation FM25VN02-G Datasheet HTML 8Page - Ramtron International Corporation FM25VN02-G Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
FM25V02 - 256Kb SPI FRAM
Rev. 2.0
May 2010
Page 5 of 17
Power Up to First Access
The FM25V02 is not accessible for a period of time
(tPU) after power up.
Users must comply with the
timing parameter tPU, which is the minimum time
from VDD (min) to the first /S low.
Data Transfer
All data transfers to and from the FM25V02 occur in
8-bit groups. They are synchronized to the clock
signal (C), and they transfer most significant bit
(MSB) first. Serial inputs are registered on the rising
edge of C. Outputs are driven from the falling edge of
clock C.
Command Structure
There are ten commands called op-codes that can be
issued by the bus master to the FM25V02. They are
listed in the table below. These op-codes control the
functions performed by the memory. They can be
divided into three categories. First, there are
commands that have no subsequent operations. They
perform a single function, such as to enable a write
operation. Second are commands followed by one
byte, either in or out. They operate on the Status
Register. The third group includes commands for
memory transactions followed by address and one or
more bytes of data.
Table 1. Op-code Commands
Name
Description
Op-code
WREN
Set Write Enable Latch
0000 0110b
WRDI
Write Disable
0000 0100b
RDSR
Read Status Register
0000 0101b
WRSR
Write Status Register
0000 0001b
READ
Read Memory Data
0000 0011b
FSTRD
Fast Read Memory Data
0000 1011b
WRITE
Write Memory Data
0000 0010b
SLEEP
Enter Sleep Mode
1011 1001b
RDID
Read Device ID
1001 1111b
SNR
Read S/N
1100 0011b
WREN – Set Write Enable Latch
The FM25V02 will power up with writes disabled.
The WREN command must be issued prior to any
write operation. Sending the WREN op-code will
allow the user to issue subsequent op-codes for write
operations. These include writing the Status Register
(WRSR) and writing the memory (WRITE).
Sending the WREN op-code causes the internal Write
Enable Latch to be set. A flag bit in the Status
Register, called WEL, indicates the state of the latch.
WEL=1
indicates
that
writes
are
permitted.
Attempting to write the WEL bit in the Status
Register has no effect on the state of this bit.
Completing any write operation will automatically
clear the write-enable latch and prevent further
writes without another WREN command. Figure 5
below illustrates the WREN command bus
configuration.
0
0
0
0
0
1
1
0
S
C
D
Q
Hi-Z
0
1
2
3
4
5
6
7
Figure 5. WREN Bus Configuration
WRDI – Write Disable
The WRDI command disables all write activity by
clearing the Write Enable Latch. The user can verify
that writes are disabled by reading the WEL bit in
the Status Register and verifying that WEL=0.
Figure 6 illustrates the WRDI command bus
configuration.
0
0
0
0
0
1
0
0
S
C
D
Q
Hi-Z
0
1
2
3
4
5
6
7
Figure 6. WRDI Bus Configuration
RDSR – Read Status Register
The RDSR command allows the bus master to
verify the contents of the Status Register. Reading
Status provides information about the current state
of the write protection features. Following the
RDSR op-code, the FM25V02 will return one byte
with the contents of the Status Register. The Status
Register is described in detail in the section below.


Numéro de pièce similaire - FM25VN02-G

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM25VN02-G CYPRESS-FM25VN02-G Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25VN02-GTR CYPRESS-FM25VN02-GTR Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
More results

Description similaire - FM25VN02-G

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02_10 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02 CYPRESS-FM25V02_13 Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com