Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25V02 Fiches technique(PDF) 6 Page - Ramtron International Corporation

No de pièce FM25V02
Description  256Kb Serial 3V F-RAM Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25V02 Fiches technique(HTML) 6 Page - Ramtron International Corporation

Back Button FM25V02 Datasheet HTML 2Page - Ramtron International Corporation FM25V02 Datasheet HTML 3Page - Ramtron International Corporation FM25V02 Datasheet HTML 4Page - Ramtron International Corporation FM25V02 Datasheet HTML 5Page - Ramtron International Corporation FM25V02 Datasheet HTML 6Page - Ramtron International Corporation FM25V02 Datasheet HTML 7Page - Ramtron International Corporation FM25V02 Datasheet HTML 8Page - Ramtron International Corporation FM25V02 Datasheet HTML 9Page - Ramtron International Corporation FM25V02 Datasheet HTML 10Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
FM25V02 - 256Kb SPI FRAM
Rev. 2.0
May 2010
Page 6 of 17
WRSR – Write Status Register
The WRSR command allows the user to select
certain write protection features by writing a byte to
the Status Register. Prior to issuing a WRSR
command, the /W pin must be high or inactive. Prior
to sending the WRSR command, the user must send
a WREN command to enable writes. Note that
executing a WRSR command is a write operation
and therefore clears the Write Enable Latch. The bus
configuration of RDSR and WRSR are shown
below.
Figure 7. RDSR Bus Configuration
Figure 8. WRSR Bus Configuration
Status Register & Write Protection
The write protection features of the FM25V02 are
multi-tiered. Taking the /W pin to a logic low state is
the hardware write-protect function. Status Register
write operations are blocked when /W is low. To
write the memory with /W high, a WREN op-code
must first be issued. Assuming that writes are enabled
using WREN and by /W, writes to memory are
controlled by the Status Register. As described
above, writes to the Status Register are performed
using the WRSR command and subject to the /W pin.
The Status Register is organized as follows.
Table 2. Status Register
Bit
7
6
5
4
3
2
1
0
Name
WPEN
0
0
0
BP1
BP0
WEL
0
Bits 0 and 4-6 are fixed at 0, and cannot can be
modified. Note that bit 0 (“Ready” in Serial Flash) is
unnecessary as the F-RAM writes in real-time and is
never busy, so it reads out as a ‘0’. There is an
exception to this when the device is waking up from
Sleep Mode, which is described on the following
page.
The BP1 and BP0 control software write
protection features. They are nonvolatile (shaded
yellow). The WEL flag indicates the state of the
Write Enable Latch. Attempting to directly write the
WEL bit in the Status Register has no effect on its
state. This bit is internally set and cleared via the
WREN and WRDI commands, respectively.
BP1 and BP0 are memory block write protection bits.
They specify portions of memory that are write-
protected as shown in the following table.
Table 3. Block Memory Write Protection
BP1
BP0
Protected Address Range
0
0
None
0
1
6000h to 7FFFh (upper ¼)
1
0
4000h to 7FFFh (upper ½)
1
1
0000h to 7FFFh (all)
The BP1 and BP0 bits and the Write Enable Latch
are the only mechanisms that protect the memory
from writes. The remaining write protection features
protect inadvertent changes to the block protect bits.
The WPEN bit controls the effect of the hardware /W
pin. When WPEN is low, the /W pin is ignored.
When WPEN is high, the /W pin controls write
access to the Status Register. Thus the Status Register
is write protected if WPEN=1 and /W=0.
This scheme provides a write protection mechanism,
which can prevent software from writing the memory
under any circumstances. This occurs if the BP1 and
S
C
D
Q
S
C
D
Q


Numéro de pièce similaire - FM25V02

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02-DG CYPRESS-FM25V02-DG Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
FM25V02-DGTR CYPRESS-FM25V02-DGTR Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02-DGTR CYPRESS-FM25V02-DGTR Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
More results

Description similaire - FM25V02

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM24V02 RAMTRON-FM24V02_10 Datasheet
341Kb / 16P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V02 CYPRESS-FM25V02 Datasheet
549Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V02 CYPRESS-FM25V02_13 Datasheet
504Kb / 18P
   256Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com