Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM16W08-SG Fiches technique(PDF) 1 Page - Ramtron International Corporation

No de pièce FM16W08-SG
Description  64Kb Wide Voltage Bytewide F-RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM16W08-SG Fiches technique(HTML) 1 Page - Ramtron International Corporation

  FM16W08-SG Datasheet HTML 1Page - Ramtron International Corporation FM16W08-SG Datasheet HTML 2Page - Ramtron International Corporation FM16W08-SG Datasheet HTML 3Page - Ramtron International Corporation FM16W08-SG Datasheet HTML 4Page - Ramtron International Corporation FM16W08-SG Datasheet HTML 5Page - Ramtron International Corporation FM16W08-SG Datasheet HTML 6Page - Ramtron International Corporation FM16W08-SG Datasheet HTML 7Page - Ramtron International Corporation FM16W08-SG Datasheet HTML 8Page - Ramtron International Corporation FM16W08-SG Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary
This is a product that has fixed target specifications but are subject
Ramtron International Corporation
to change pending characterization results.
1850 Ramtron Drive, Colorado Springs, CO 80921
(800) 545-FRAM, (719) 481-7000
Rev. 1.2
http://www.ramtron.com
Mar. 2011
Page 1 of 11
FM16W08
64Kb Wide Voltage Bytewide F-RAM
Features
64Kbit Ferroelectric Nonvolatile RAM
Organized as 8,192 x 8 bits
High Endurance 100 Trillion (10
14) Read/Writes
38 year Data Retention (@ +75C)
NoDelay™ Writes
Advanced High-Reliability Ferroelectric Process
Superior to BBSRAM Modules
No Battery Concerns
Monolithic Reliability
True Surface Mount Solution, No Rework Steps
Superior for Moisture, Shock, and Vibration
Resistant to Negative Voltage Undershoots
SRAM & EEPROM Compatible
JEDEC 8Kx8 SRAM & EEPROM pinout
70 ns Access Time
130 ns Cycle Time
Low Power Operation
Wide Voltage Operation 2.7V to 5.5V
12 mA Active Current
20
µA (typ.) Standby Current
Industry Standard Configuration
Industrial Temperature -40
° C to +85° C
28-pin “Green”/RoHS SOIC Package
Description
The FM16W08 is a 64-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or F-RAM is
nonvolatile but operates in other respects as a RAM.
It provides data retention for 38 years while
eliminating
the
reliability
concerns,
functional
disadvantages and system design complexities of
battery-backed SRAM (BBSRAM). Fast write timing
and high write endurance make F-RAM superior to
other types of nonvolatile memory.
In-system operation of the FM16W08 is very similar
to other RAM devices. Minimum read- and write-
cycle times are equal. The F-RAM memory, however,
is nonvolatile due to its unique ferroelectric memory
process. Unlike BBSRAM, the FM16W08 is a truly
monolithic nonvolatile memory. It provides the same
functional benefits of a fast write without the
disadvantages associated with modules and batteries
or hybrid memory solutions.
These capabilities make the FM16W08 ideal for
nonvolatile memory applications requiring frequent
or rapid writes in a bytewide environment. The
availability of a true surface-mount package improves
the
manufacturability
of
new
designs.
Device
specifications are guaranteed over an industrial
temperature range of -40°C to +85°C.
Pin Configuration
Ordering Information
FM16W08-SG
28-pin “Green” SOIC
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
DQ3
DQ4
DQ5
DQ6
DQ7
CE
A10
OE
A11
A9
A8
NC
WE
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15


Numéro de pièce similaire - FM16W08-SG

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
FM16W08-SGTR CYPRESS-FM16W08-SGTR Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
More results

Description similaire - FM16W08-SG

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
FM18W08 RAMTRON-FM18W08 Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
FM18W08 CYPRESS-FM18W08 Datasheet
325Kb / 12P
   256Kb Wide Voltage Bytewide F-RAM
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V020 CYPRESS-FM28V020 Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM16W08 CYPRESS-FM16W08 Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com