Moteur de recherche de fiches techniques de composants électroniques |
|
1N5625GP Fiches technique(PDF) 1 Page - Vishay Siliconix |
|
1N5625GP Fiches technique(HTML) 1 Page - Vishay Siliconix |
1 / 4 page Document Number: 88524 For technical questions within your region, please contact one of the following: www.vishay.com Revision: 15-Mar-11 DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com 1 This datasheet is subject to change without notice. THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Glass Passivated Junction Rectifier 1N5624GP thru 1N5627GP Vishay General Semiconductor FEATURES • Superectifier structure for high reliability application • Cavity-free glass-passivated junction • Low forward voltage drop • Low leakage current • High forward surge capability • Meets environmental standard MIL-S-19500 • Solder dip 275 °C max. 10 s, per JESD 22-B106 • AEC-Q101 qualified • Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC TYPICAL APPLICATIONS For use in general purpose rectification of power supplies, inverters, converters and freewheeling diodes application. MECHANICAL DATA Case: DO-201AD, molded epoxy over glass body Molding compound meets UL 94 V-0 flammability rating Base P/N-E3 - RoHS compliant, commercial grade Base P/NHE3 - RoHS compliant, AEC-Q101 qualified Terminals: Matte tin plated leads, solderable per J-STD-002 and JESD 22-B102 E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix meets JESD 201 class 2 whisker test Polarity: Color band denotes cathode end Note (1) JEDEC registered values PRIMARY CHARACTERISTICS IF(AV) 3.0 A VRRM 200 V to 800 V IFSM 125 A IR 5.0 μA VF 0.95 V TJ max. 175 °C DO-201AD SUPERECTIFIER ® MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) (1) PARAMETER SYMBOL 1N5624GP 1N5625GP 1N5626GP 1N5627GP UNIT Maximum repetitive peak reverse voltage VRRM 200 400 600 800 V Maximum DC blocking voltage VDC 200 400 600 800 V Maximum average forward rectified current 0.375" (9.5 mm) lead length at TA = 70 °C IF(AV) 3.0 A Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load IFSM 125 A Maximum full load reverse current, full cycle average 0.375" (9.5 mm) lead length at TA = 70 °C IR(AV) 200 μA Operating junction and storage temperature range TJ, TSTG - 65 to + 175 °C |
Numéro de pièce similaire - 1N5625GP |
|
Description similaire - 1N5625GP |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |