Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1100-100 Fiches technique(PDF) 11 Page - Touchstone Semiconductor Inc

No de pièce TS1100-100
Description  A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOUCHSTONE [Touchstone Semiconductor Inc]
Site Internet  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1100-100 Fiches technique(HTML) 11 Page - Touchstone Semiconductor Inc

Back Button TS1100-100 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 10Page - Touchstone Semiconductor Inc TS1100-100 Datasheet HTML 11Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TS1100
Touchstone Semiconductor, Inc.
Page 11
630 Alder Drive, Milpitas, CA 95035
TS1100DS r1p0
+1 (408) 215 - 1220
www.touchstonesemi.com
RTFDS
PACKAGE OUTLINE DRAWING
5-Pin SOT23 Package Outline Drawing
(N.B., Drawings are not to scale)
Information furnished by Touchstone Semiconductor is believed to be accurate and reliable. However, Touchstone Semiconductor does not
assume any responsibility for its use nor for any infringements of patents or other rights of third parties that may result from its use, and all
information provided by Touchstone Semiconductor and its suppliers is provided on an AS IS basis, WITHOUT WARRANTY OF ANY KIND.
Touchstone Semiconductor reserves the right to change product specifications and product descriptions at any time without any advance
notice. No license is granted by implication or otherwise under any patent or patent rights of Touchstone Semiconductor. Touchstone
Semiconductor assumes no liability for applications assistance or customer product design. Customers are responsible for their products and
applications using Touchstone Semiconductor components. To minimize the risk associated with customer products and applications,
customers should provide adequate design and operating safeguards. Trademarks and registered trademarks are the property of their
respective owners.
NOTES:
1. Dimensions and tolerances are as per ANSI Y14.5M, 1982.
2. Package surface to be matte finish VDI 11~13.
3. Die is facing up mold and facing down for trim/form,
ie, reverse trim/form.
4. The foot length measuring is based on the gauge plane method.
5. Dimensions are exclusive of mold flash and gate burr.
6. Dimensions are exclusive of solder plating.
7. All dimensions are in mm.
8. This part is compliant with EIAJ spec. and JEDEC MO-178 AA
9. Lead span/stand off height/coplanarity are considered as special
characteristic.
5.
2.80 - 3.00
0.95 0.950
TYP
5
0.30 - 0.50
0.00 - 0.15
10º TYP
10º TYP
10º TYP
0.09 - 0.20
5
10º TYP
0º- 8º
0.30 - 0.55
0.25
Gauge Plane
1.90 Max
0.10 Max
0.09
– 1.45
0.50
– 0.70
1.50
– 1.75
0.50 Max
0.30 Min
0.20 Max
0.09 Min
0.90 - 1.30
0.60
– 0.80
TYP


Numéro de pièce similaire - TS1100-100

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TS1100-100-EG6 SILABS-TS1100-100-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1100-100-EG6T SILABS-TS1100-100-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1100-100EG5 SILABS-TS1100-100EG5 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Description similaire - TS1100-100

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS1101 TOUCHSTONE-TS1101 Datasheet
1Mb / 11P
   A 1uA, 2V to 25V Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_11 Datasheet
523Kb / 14P
   1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 6; 1/11
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1102 TOUCHSTONE-TS1102 Datasheet
787Kb / 11P
   A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com