Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPL0401A Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPL0401A
Description  128 TAPS Single Channel Digital Potentiometer with I2C Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401A Fiches technique(HTML) 5 Page - Texas Instruments

  TPL0401A Datasheet HTML 1Page - Texas Instruments TPL0401A Datasheet HTML 2Page - Texas Instruments TPL0401A Datasheet HTML 3Page - Texas Instruments TPL0401A Datasheet HTML 4Page - Texas Instruments TPL0401A Datasheet HTML 5Page - Texas Instruments TPL0401A Datasheet HTML 6Page - Texas Instruments TPL0401A Datasheet HTML 7Page - Texas Instruments TPL0401A Datasheet HTML 8Page - Texas Instruments TPL0401A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TPL0401A
TPL0401B
www.ti.com
SLIS144
– SEPTEMBER 2011
ANALOG SPECIFICATIONS
Typical values are specified at 25
oC and Vdd=3.3V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
End-to-end resistance (between H
RTOTAL
8
10
12
k
and L terminals)
VH
Terminal voltage range
0
VDD
V
RH
Terminal resistance
35
100
RW
Wiper resistance
35
100
CH
Terminal capacitance
10
pF
CW
Wiper capacitance
11
pF
ILKG
Terminal leakage current
0.1
1
µA
TCR
Resistance temperature coefficient
22
ppm/
°C
VOLTAGE DIVIDER MODE (TPL0401A, TPL0401B, VH = VDD, VW = Not Loaded)
INL
Integral non-linearity
–0.5
0.5
LSB
DNL
Differential non-linearity
–0.25
0.25
LSB
ZSERROR
Zero-scale error
0
0.75
1.5
LSB
FSERROR
Full-scale error
–1.5
-0.75
0
LSB
Ratiometric temperature
TCV
Wiper set at mid-scale
4
ppm/
°C
coefficient
Wiper set at mid-scale,
BW
Bandwidth
2862
kHz
, CLOAD = 10 pF
TSW
Wiper settling time
0.152
µS
VH = 1 VRMS at 1 kHz,
THD
Total harmonic distortion
0.03
%
VL = VDD/2, Measurement at W
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPL0401A TPL0401B


Numéro de pièce similaire - TPL0401A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL0401A TI1-TPL0401A Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI-TPL0401A Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
TPL0401A-10 TI1-TPL0401A-10 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
More results

Description similaire - TPL0401A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_17 Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com