Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM3251E Fiches technique(PDF) 2 Page - Analog Devices

No de pièce ADM3251E
Description  Isolated, Single-Channel RS-232 Line Driver/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM3251E Fiches technique(HTML) 2 Page - Analog Devices

  ADM3251E Datasheet HTML 1Page - Analog Devices ADM3251E Datasheet HTML 2Page - Analog Devices ADM3251E Datasheet HTML 3Page - Analog Devices ADM3251E Datasheet HTML 4Page - Analog Devices ADM3251E Datasheet HTML 5Page - Analog Devices ADM3251E Datasheet HTML 6Page - Analog Devices ADM3251E Datasheet HTML 7Page - Analog Devices ADM3251E Datasheet HTML 8Page - Analog Devices ADM3251E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADM3251E
Rev. E | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Package Characteristics ............................................................... 5
Regulatory Information............................................................... 5
Insulation and Safety-Related Specifications............................ 5
DIN EN 60747-5-2 (VDE 0884 Teil 2): 2003-01 Insulation
Characteristics .............................................................................. 6
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
Theory of Operation ...................................................................... 11
Isolation of Power and Data...................................................... 11
Charge Pump Voltage Converter ............................................. 12
5.0 V Logic to EIA/TIA-232E Transmitter.............................. 12
EIA/TIA-232E to 5 V Logic Receiver ...................................... 12
High Baud Rate........................................................................... 12
Thermal Analysis ....................................................................... 12
Insulation Lifetime ..................................................................... 12
Applications Information .............................................................. 13
PCB Layout ................................................................................. 13
Example PCB for Reduced EMI ............................................... 13
Isolated Power Supply Circuit .................................................. 14
Outline Dimensions ....................................................................... 15
Ordering Guide .......................................................................... 15
REVISION HISTORY
5/10—Rev. D to Rev. E
Changes to Features Section............................................................ 1
Changes to Table 4............................................................................ 5
3/10—Rev. C to Rev. D
Changes to Features and General Description Sections.............. 1
Changes to Table 4 and Table 5....................................................... 5
Changed DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
Insulation Characteristics (Pending) Heading to DIN EN
60747-5-2 (VDE 0884 Teil 2): 2003-01 Insulation
Characteristics................................................................................... 6
Changes to Pollution Degree and Input–to-Output Test
Voltage Parameters, Table 6............................................................. 6
Added Applications Information Section and Example PCB
for Reduced EMI Section .............................................................. 13
Added Table 9 and Table 10; Renumbered Sequentially ........... 13
Changes to PCB Layout Section ................................................... 13
Added Isolated Power Supply Circuit Section ............................ 14
Added Figure 22; Renumbered Sequentially .............................. 14
1/10—Rev. B to Rev. C
Changes to Table 4............................................................................ 5
11/09—Rev. A to Rev. B
Changes to Figure 1...........................................................................1
Changed to Primary Side Supply Input Current, ICC(DISABLE)
Maximum Limit to 2.5 mA ..............................................................4
Changes to Table 4.............................................................................5
Changes to Figure 13...................................................................... 11
9/08—Rev. 0 to Rev. A
Changes to Timing Parameters in Table 1 .....................................3
Changes to Timing Parameters in Table 2 .....................................4
Changes to Ordering Guide .......................................................... 14
7/08—Revision 0: Initial Version


Numéro de pièce similaire - ADM3251E

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
   Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E AD-ADM3251E Datasheet
382Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
REV. 0
ADM3251E AD-ADM3251E Datasheet
738Kb / 4P
   Digital Isolator Product Selection and Resource Guide
ADM3251E AD-ADM3251E Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
ADM3251EARWZ AD-ADM3251EARWZ Datasheet
382Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
REV. 0
More results

Description similaire - ADM3251E

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
   Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
ADM3251E AD-ADM3251E_1 Datasheet
382Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E_V01 Datasheet
435Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
Rev. A
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com