Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM3251E_VE Fiches technique(PDF) 3 Page - Analog Devices

No de pièce ADM3251E_VE
Description  Isolated, Single-Channel RS-232 Line Driver/Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM3251E_VE Fiches technique(HTML) 3 Page - Analog Devices

  ADM3251E_VE Datasheet HTML 1Page - Analog Devices ADM3251E_VE Datasheet HTML 2Page - Analog Devices ADM3251E_VE Datasheet HTML 3Page - Analog Devices ADM3251E_VE Datasheet HTML 4Page - Analog Devices ADM3251E_VE Datasheet HTML 5Page - Analog Devices ADM3251E_VE Datasheet HTML 6Page - Analog Devices ADM3251E_VE Datasheet HTML 7Page - Analog Devices ADM3251E_VE Datasheet HTML 8Page - Analog Devices ADM3251E_VE Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM3251E
Rev. E | Page 3 of 16
SPECIFICATIONS
All voltages are relative to their respective ground; all minimum/maximum specifications apply over the entire recommended operating
range; TA = 25°C and VCC = 5.0 V (dc-to-dc converter enabled), unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC CHARACTERISTICS
VCC Operating Voltage Range
4.5
5.5
V
DC-to-DC Converter Enable Threshold, VCC(ENABLE)1
4.5
V
DC-to-DC Converter Disable Threshold, VCC(DISABLE)1
3.7
V
DC-to-DC Converter Enabled
Input Supply Current, ICC(ENABLE)
110
mA
VCC = 5.5 V, no load
145
mA
VCC = 5.5 V, RL = 3 kΩ
VISO Output2
5.0
V
IISO = 0 μA
LOGIC
Transmitter Input, TIN
Logic Input Current, ITIN
−10
+0.01
+10
μA
Logic Low Input Threshold, VTINL
0.3 VCC
V
Logic High Input Threshold, VTINH
0.7 VCC
V
Receiver Output, ROUT
Logic High Output, VROUTH
VCC − 0.1
VCC
V
IROUTH = −20 μA
VCC − 0.5
VCC − 0.3
V
IROUTH = −4 mA
Logic Low Output, VROUTL
0.0
0.1
V
IROUTH = 20 μA
0.3
0.4
V
IROUTH = 4 mA
RS-232
Receiver, RIN
EIA-232 Input Voltage Range3
−30
+30
V
EIA-232 Input Threshold Low
0.6
2.0
V
EIA-232 Input Threshold High
2.1
2.4
V
EIA-232 Input Hysteresis
0.1
V
EIA-232 Input Resistance
3
5
7
Transmitter, TOUT
Output Voltage Swing (RS-232)
±5
±5.7
V
RL = 3 kΩ to GND
Transmitter Output Resistance
300
Ω
VISO = 0 V
Output Short-Circuit Current (RS-232)
±12
mA
TIMING CHARACTERISTICS
Maximum Data Rate
460
kbps
RL = 3 kΩ to 7 kΩ, CL = 50 pF to 1000 pF
Receiver Propagation Delay
tPHL
190
ns
tPLH
135
ns
Transmitter Propagation Delay
650
ns
RL = 3 kΩ, CL = 1000 pF
Transmitter Skew
80
ns
Receiver Skew
70
ns
Transition Region Slew Rate3
5.5
10
30
V/μs
+3 V to −3 V or −3 V to +3 V, VCC = +3.3 V,
RL = 3 kΩ, CL = 1000 pF, TA = 25°C
AC SPECIFICATIONS
Output Rise/Fall Time, tR/tF (10% to 90%)
2.3
ns
CL = 15 pF, CMOS signal levels
Common-Mode Transient Immunity at Logic High Output4
25
kV/μs
VCM = 1 kV, transient magnitude = 800 V
Common-Mode Transient Immunity at Logic Low Output4
25
kV/μs
VCM = 1 kV, transient magnitude = 800 V
ESD PROTECTION (RIN And TOUT PINS)
±15
kV
Human body model air discharge
±8
kV
Human body model contact discharge
1 Enable/disable threshold is the VCC voltage at which the internal dc-to-dc converter is enabled/disabled.
2 To maintain data sheet specifications, do not draw current from VISO.
3 Guaranteed by design.
4 VCM is the maximum common-mode voltage slew rate that can be sustained while maintaining specification-compliant operation. VCM is the common-mode potential
difference between the logic and bus sides. The transient magnitude is the range over which the common mode is slewed. The common-mode voltage slew rates
apply to both rising and falling common-mode voltage edges.


Numéro de pièce similaire - ADM3251E_VE

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
More results

Description similaire - ADM3251E_VE

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM3251E AD-ADM3251E Datasheet
133Kb / 6P
   Isolated Single Channel RS-232 Line Driver/Receiver
Rev. PrA
ADM3251E AD-ADM3251E_V01 Datasheet
357Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
Rev. G
ADM3251E AD-ADM3251E_1 Datasheet
382Kb / 16P
   Isolated, Single-Channel RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E Datasheet
352Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
REV. 0
ADM3252E AD-ADM3252E_V01 Datasheet
435Kb / 16P
   Isolated, Dual Channel, RS-232 Line Driver/Receiver
Rev. A
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com