Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS7032-CVME3 Fiches technique(PDF) 8 Page - Gennum Corporation

No de pièce GS7032-CVME3
Description  Digital Video Serializer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7032-CVME3 Fiches technique(HTML) 8 Page - Gennum Corporation

  GS7032-CVME3 Datasheet HTML 1Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 2Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 3Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 4Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 5Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 6Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 7Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 8Page - Gennum Corporation GS7032-CVME3 Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
14583 - 04
8 of 9
4. VCO CENTRE FREQUENCY SELECTION
The recommended RVCO value for auto rate SMPTE 259M-C
applications (270Mb/s) is 374
Ω (see the Typical Application
Circuit).
The VCO and an internal divider generate the PLL clock.
5. LOCK DETECT OUTPUT
The Lock Detect output is available from pin 20 and is HIGH
when the loop is locked. When the loop is not locked, the
lock detect circuit mutes the serial data outputs.
6. SERIAL OUTPUTS
The true and complement serial data, SDO and SDO, are
available from pins 24 and 25. These outputs will drive two
75
Ω co-axial cables with SMPTE level serial digital video
signals.
RSET calculation:
where RLOAD = RPULL-UP || ZO
TYPICAL APPLICATION CIRCUIT
R
SET
1.154
R
LOAD
×
V
SDO
---------------------------------------
=
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
GS7032
RESET
NC
BYPASS
NC
VEE
NC
NC
VEE
SDO
SDO
VEE
PD9
PD8
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
PCLKIN
VCC
J3
J4
VCC
VCC
VCC
VCC
VCC
374
100n
L
R
L
R
75
75
100n
54.9
220
J1
LBWC
100n
100n
10k
PARALLEL
CLOCK
INPUT
PARALLEL
DATA
INPUTS
L = 8.2nH
R = 75
LOCK
All resistors on ohms,
all capacitors in farads,
unless otherwise stated.
12 13 14 15 16 17 18 19 20 21 22
44 43 42 41 40 39 38 37 36 35 34
RESET
VCC


Numéro de pièce similaire - GS7032-CVME3

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS7032 GSI-GS7032 Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
GS70328SJ GSI-GS70328SJ Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
GS70328SJ-10 GSI-GS70328SJ-10 Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
GS70328SJ-10I GSI-GS70328SJ-10I Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
GS70328SJ-10IT GSI-GS70328SJ-10IT Datasheet
231Kb / 11P
   32K x 8 256Kb Asynchronous SRAM
More results

Description similaire - GS7032-CVME3

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GS9022 ETC-GS9022 Datasheet
160Kb / 7P
   Digital Video Serializer
logo
Gennum Corporation
GS9022A GENNUM-GS9022A Datasheet
245Kb / 7P
   GENLINXTM GS9022A Digital Video Serializer
GS9032 GENNUM-GS9032 Datasheet
244Kb / 10P
   GENLINX-TM II GS9032 Digital Video Serializer
logo
National Semiconductor ...
CLC020 NSC-CLC020 Datasheet
362Kb / 15P
   SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
Texas Instruments
CLC020 TI1-CLC020 Datasheet
753Kb / 20P
[Old version datasheet]   CLC020 SMPTE 259M Digital Video Serializer with Integrated Cable Driver
logo
National Semiconductor ...
CLC021 NSC-CLC021 Datasheet
428Kb / 18P
   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Texas Instruments
CLC021 TI1-CLC021_14 Datasheet
655Kb / 25P
[Old version datasheet]   SMPTE 259M Digital Video Serializer with EDH Generation and Insertion
logo
Gennum Corporation
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
logo
National Semiconductor ...
CLC030 NSC-CLC030 Datasheet
329Kb / 29P
   SMPTE 292M/259M Digital Video Serializer with Video and Ancilliary Data FIFOs and Integrated Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com