Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCZM12C Fiches technique(PDF) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce TCZM12C
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCZM12C Fiches technique(HTML) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCZM12C Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCZM12C Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCZM12C Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCZM12C Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCZM12C Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCZM12C Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Number: DB-064
Jan.2011 / D
Page 4
S EM IC OND UC TOR
TAK CHEONG
®
Typical Characteristics
0
100
200
300
400
500
600
0
40
80
120
160
200
Temperature [
℃]
Ta = 25
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
VF - Forw ard Voltage [m V]
PD = 500mW
Ta = 25
0
50
100
150
200
250
300
0
2
4
6
8
10
VZ - Reverse Voltage [V]
PD = 500mW
Ta = 25
0.01
0.1
1
10
100
15
25
35
45
55
65
75
VZ - Reverse Voltage [V]
f = 1MHz
Ta = 25
1
10
100
1000
0
20
40
60
80
VZ - Reverse Voltage [V]
VR = 0V
VR = 2V
VR = 5V
VR = 20V
VR = 30V
Ta = 25
0.1
1
10
100
1000
1
10
100
VZ - Reverse Voltage [V]
Iz=10mA
Iz=5mA
Iz=2mA
Iz=1mA
Figure 1. Power Dissipation vs Ambient Temperature
Valid provided leads at a distance of 0.8mm from case are kept at
ambient temperature
Figure 2. Total Capacitance
Figure 5. Reverse Current vs. Reverse Voltage
Figure 6. Reverse Current vs. Reverse Voltage
Figure 3. Differential Impedance vs. Zener Voltage
Figure 4. Forward Current vs. Forward Voltage


Numéro de pièce similaire - TCZM12C

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCZM12C TAK_CHEONG-TCZM12C Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - TCZM12C

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TCLLZ2V0 ETC1-TCLLZ2V0 Datasheet
980Kb / 10P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com