Moteur de recherche de fiches techniques de composants électroniques |
|
TCBZV55B8V2 Fiches technique(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
|
TCBZV55B8V2 Fiches technique(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
1 / 6 page Number: DB-058 Jan.2011 / G Page 1 S EM IC OND UC TOR TAK CHEONG ® 500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators Absolute Maximum Ratings TA = 25°C unless otherwise noted Parameter Value Units Power Dissipation 500 mW Storage Temperature Range -65 to +175 °C Operating Junction Temperature +175 °C These ratings are limiting values above which the serviceability of the diode may be impaired. Specification Features: Zener Voltage Range 2.0 to 75 Volts LL-34 (Mini-MELF) Package Surface Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction All External Surfaces Are Corrosion Resistant And Terminals Are Readily Solderable RoHS Compliant Matte Tin (Sn) Terminal Finish Color band Indicates Negative Polarity Electrical Characteristics TA = 25°C unless otherwise noted VZ @ IZT (Volts) Device Type VZ Min VZ Max IZT (mA) ZZT @ IZT () Max IZK (mA) ZZK @ IZK () Max IR @ VR (A) Max VR (Volts) TCBZV55C 2V0 1.88 2.11 5 100 1 600 50 1 TCBZV55C 2V2 2.08 2.33 5 100 1 600 50 1 TCBZV55C 2V4 2.28 2.56 5 85 1 600 50 1 TCBZV55C 2V7 2.51 2.89 5 85 1 600 10 1 TCBZV55C 3V0 2.8 3.2 5 85 1 600 4 1 TCBZV55C 3V3 3.1 3.5 5 85 1 600 2 1 TCBZV55C 3V6 3.4 3.8 5 85 1 600 2 1 TCBZV55C 3V9 3.7 4.1 5 85 1 600 2 1 TCBZV55C 4V3 4 4.6 5 75 1 600 1 1 TCBZV55C 4V7 4.4 5 5 60 1 600 0.5 1 TCBZV55C 5V1 4.8 5.4 5 35 1 550 0.1 1 TCBZV55C 5V6 5.2 6 5 25 1 450 0.1 1 TCBZV55C 6V2 5.8 6.6 5 10 1 200 0.1 2 TCBZV55C 6V8 6.4 7.2 5 8 1 150 0.1 3 TCBZV55C 7V5 7 7.9 5 7 1 50 0.1 5 TCBZV55C 8V2 7.7 8.7 5 7 1 50 0.1 6.2 TCBZV55C 9V1 8.5 9.6 5 10 1 50 0.1 6.8 TCBZV55C 10 9.4 10.6 5 15 1 70 0.1 7.5 TCBZV55C 11 10.4 11.6 5 20 1 70 0.1 8.2 TCBZV55C 12 11.4 12.7 5 20 1 90 0.1 9.1 Cathode Anode ELECTRICAL SYMBOL DEVICE MARKING DIAGRAM Cathode Band Color : Blue SURFACE MOUNT LL34 |
Numéro de pièce similaire - TCBZV55B8V2 |
|
Description similaire - TCBZV55B8V2 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |