Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCBZV55B4V7 Fiches technique(PDF) 5 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce TCBZV55B4V7
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCBZV55B4V7 Fiches technique(HTML) 5 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCBZV55B4V7 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV55B4V7 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV55B4V7 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV55B4V7 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV55B4V7 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV55B4V7 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Number: DB-058
Jan.2011 / G
Page 5
S EM IC OND UC TOR
TAK CHEONG
®
Package Outline
Package
Case Outline
LL34
LL-34
Millimeters
Inches
DIM
Min
Max
Min
Max
A
3.30
3.60
0.130
0.142
B
1.40
1.50
0.055
0.059
C
0.35
0.50
0.014
0.020
Notes:
1.
All dimensions are within DO213AC JEDEC standard.
2.
LL-34 polarity denoted by cathode band.
B
C
A


Numéro de pièce similaire - TCBZV55B4V7

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCBZV55B4V7 TAK_CHEONG-TCBZV55B4V7 Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - TCBZV55B4V7

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TCLLZ2V0 ETC1-TCLLZ2V0 Datasheet
980Kb / 10P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com