Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCBZX85C6V8 Fiches technique(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce TCBZX85C6V8
Description  1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCBZX85C6V8 Fiches technique(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCBZX85C6V8 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX85C6V8 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX85C6V8 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZX85C6V8 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Number: DB-030
Oct. 2011 / F
Page 1
SEMICONDUCTOR
TAK CHEONG
®
1.3 Watt DO-41 Hermetically
Sealed Glass Zener Voltage
Regulators
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Value
Units
Power Dissipation
1.3
W
Storage Temperature Range
-65 to +200
°C
Operating Junction Temperature
+200
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 3.3 to 56 Volts
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And Leads Are Readily Solderable
Solder Hot Dip Tin (Sn) Terminal Finish
Cathode Indicated By Polarity Band
Ordering Information
Device
Description
Electrical Characteristic
TCBZX85C3V3 through TCBZX85C56
RoHS Compliant
TCBZX85C3V3HF through TCBZX85C56HF
RoHS Compliant
Halogen Free
Both are compliant with below electrical
characteristics
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device Type
VZ
Min
VZ
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
µA)
Max
VR
(Volts)
TCBZX85C 3V3
3.1
3.5
80
20
1
400
40
1
TCBZX85C 3V6
3.4
3.8
60
20
1
500
20
1
TCBZX85C 3V9
3.7
4.1
60
15
1
500
20
1
TCBZX85C 4V3
4.0
4.6
50
13
1
500
3
1
TCBZX85C 4V7
4.4
5.0
45
13
1
500
3
1
TCBZX85C 5V1
4.8
5.4
45
10
1
500
1
1.5
TCBZX85C 5V6
5.2
6.0
45
7
1
400
1
2
TCBZX85C 6V2
5.8
6.6
35
4
1
300
1
3
TCBZX85C 6V8
6.4
7.2
35
3.5
1
300
1
4
TCBZX85C 7V5
7.0
7.9
35
3
0.5
200
1
4.5
TCBZX85C 8V2
7.7
8.7
25
5
0.5
200
1
6.2
Cathode
Anode
ELECTRICAL SYMBOL
AXIAL LEAD
DO41
L
85C
xxx
DEVICE MARKING DIAGRAM
L
: Logo
Device Code : TCBZX85C3V3


Numéro de pièce similaire - TCBZX85C6V8

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
TCBZX85C6V8 TAK_CHEONG-TCBZX85C6V8 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results

Description similaire - TCBZX85C6V8

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
BZX85C3V3 TAK_CHEONG-BZX85C3V3 Datasheet
128Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3 Datasheet
177Kb / 5P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
BZX85C3V3 TAK_CHEONG-BZX85C3V3_10 Datasheet
289Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A_10 Datasheet
325Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TC1N4728A ETC1-TC1N4728A Datasheet
496Kb / 6P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TC1N4728A TAK_CHEONG-TC1N4728A_10 Datasheet
454Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
1N4728A TAK_CHEONG-1N4728A Datasheet
128Kb / 4P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
TC1N4728A TAK_CHEONG-TC1N4728A Datasheet
178Kb / 5P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX85C3V3RL ONSEMI-BZX85C3V3RL Datasheet
57Kb / 8P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
February, 2002 ??Rev. 1
logo
Tak Cheong Electronics ...
1N4751A TAK_CHEONG-1N4751A Datasheet
445Kb / 7P
   1 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
March 2002 / A
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com