Moteur de recherche de fiches techniques de composants électroniques |
|
SD103AWS Fiches technique(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
|
SD103AWS Fiches technique(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd |
1 / 4 page Number: DB-222 August 2010, Revision A Page 1 TAK CHEONG ® SEMICONDUCTOR 200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Schottky Barrier Diode Absolute Maximum Ratings TA = 25°C unless otherwise noted Symbol Parameter Value Units PD Power Dissipation 200 mW TSTG Storage Temperature Range -65 to +125 °C TJ Operating Junction Temperature +125 °C Repetitive Peak Reverse Voltage SD103AWS 40 V SD103BWS 30 V VRM SD103CWS 20 V IF(AV) Average Forward Rectified Current 200 mA IFSM Peak Forward Surge Current (10uS square wave) 2 A These ratings are limiting values above which the serviceability of the diode may be impaired. Specification Features: Low Forward Voltage Drop Flat Lead SOD-323 Small Outline Plastic Package Surface Device Type Mounting RoHS Compliant Green EMC Matte Tin(Sn) Terminal Finish Band Indicates Cathode Weight: approx. 0.004g DEVICE MARKING CODE: Device Type Device Marking SD103AWS JV SD103BWS JW SD103CWS JX Electrical Characteristics TA = 25°C unless otherwise noted Limits Symbol Parameter Test Condition Min Typ Max Unit IR Reverse Leakage Current SD103AWS SD103BWS SD103CWS VR=30V VR=20V VR=10V --- --- 5 µA VF Forward Voltage IF=20mA IF=200mA --- --- 0.37 0.60 Volts Ct Junction Capacitance VR=0V f= 1MHz --- 50 --- pF |
Numéro de pièce similaire - SD103AWS |
|
Description similaire - SD103AWS |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |