Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5250B Fiches technique(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

No de pièce 1N5250B
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Site Internet  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

1N5250B Fiches technique(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  1N5250B Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N5250B Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N5250B Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N5250B Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd 1N5250B Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Number:DB-076
Sep. 2010 / F
Page 1
L i c e n s e d b y O N S e m i c o n d u c t o r ,
A t r a d e m a r k o f s e m i c o n d u c t o r
C o m p o n e n t s
I n d u s t r i e s ,
L L C
f o r
Z e n e r T e c h n o l o g y a n d P r o d u c t s .
TAK CHEONG
®
500 mW DO-35 Hermetically
Sealed Glass Zener Voltage
Regulators
Maximum Ratings (Note 1)
Rating
Symbol
Value
Units
Maximum Steady State Power Dissipation
@TL≤75℃, Lead Length = 3/8”
Derate Above 75℃
PD
500
4.0
mW
mW/℃
Operating and Storage
Temperature Range
TJ, Tstg
-65 to +200
°C
Note 1: Some part number series have lower JEDEC registered ratings.
Specification Features:
Zener Voltage Range = 2.4V to 200V
ESD Rating of Class 3 (>6 KV) per Human Body Model
DO-35 Package (DO-204AH)
Double Slug Type Construction
Metallurgical Bonded Construction
RoHS Compliant
Solder Hot Dip Tin (Sn) Lead Finish
Specification Features:
Case
: Double slug type, hermetically sealed glass
Finish
: All external surfaces are corrosion resistant and leads are readily solderable
Polarity : Cathode indicated by polarity band
Mounting: Any
Cathode
Anode
L
= Logo
52xxB
= 1N52xxB Device Code
L
52
xx
B
AXIAL LEAD
DO35


Numéro de pièce similaire - 1N5250B

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
1N5250B VISHAY-1N5250B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
1N5250B VISHAY-1N5250B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Micro Commercial Compon...
1N5250B MCC-1N5250B Datasheet
550Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
logo
Vishay Siliconix
1N5250B VISHAY-1N5250B Datasheet
118Kb / 7P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
logo
Pan Jit International I...
1N5250B PANJIT-1N5250B Datasheet
81Kb / 3P
   SILICON ZENER DIODES
More results

Description similaire - 1N5250B

FabricantNo de pièceFiches techniqueDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com