Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

546MS8GE Fiches technique(PDF) 7 Page - Hittite Microwave Corporation

No de pièce 546MS8GE
Description  GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITTITE [Hittite Microwave Corporation]
Site Internet  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

546MS8GE Fiches technique(HTML) 7 Page - Hittite Microwave Corporation

Back Button 546MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 546MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation 546MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation 546MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation 546MS8GE Datasheet HTML 7Page - Hittite Microwave Corporation 546MS8GE Datasheet HTML 8Page - Hittite Microwave Corporation 546MS8GE Datasheet HTML 9Page - Hittite Microwave Corporation 546MS8GE Datasheet HTML 10Page - Hittite Microwave Corporation 546MS8GE Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 174
Input IP3 vs. Voltage with 1960 MHz Tuning
Return Loss with 1960 MHz Tuning
Insertion Loss vs.
Temperature, Tx with 1960 MHz Tuning
Isolation with 1960 MHz Tuning
-3
-2.5
-2
-1.5
-1
-0.5
0
1.85
1.9
1.95
2
2.05
Tx, +25C
Tx, +85C
Tx, -40C
FREQUENCY (GHz)
Insertion Loss vs.
Temperature, Rx with 1960 MHz Tuning
-25
-20
-15
-10
-5
0
1.85
1.9
1.95
2
2.05
Tx, Output
Tx, Input
Rx, Input
Rx, Output
FREQUENCY (GHz)
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
1.85
1.9
1.95
2
2.05
RFC to Tx
RFC to Rx
FREQUENCY (GHz)
-3
-2.5
-2
-1.5
-1
-0.5
0
1.85
1.9
1.95
2
2.05
Rx, +25C
Rx, +85C
Rx, -40C
FREQUENCY (GHz)
20
25
30
35
40
45
50
55
60
65
70
75
3
456
78
RFC to Tx
RFC to Rx
VOLTAGE (V)
HMC546MS8G / HMC546MS8GE
v06.0809
GaAs MMIC 20W FAILSAFE SWITCH
0.2 - 2.2 GHz


Numéro de pièce similaire - 546MS8GE

FabricantNo de pièceFiches techniqueDescription
logo
Systemsensor advanced i...
546-7000 SYSTEMSENSOR-546-7000 Datasheet
480Kb / 2P
   Waterflow Detector
546-8000 SYSTEMSENSOR-546-8000 Datasheet
130Kb / 2P
   Cover Tamper Switch
logo
Precid-Dip Durtal SA
546-91-108-12-101-035 PREDIP-546-91-108-12-101-035 Datasheet
41Kb / 1P
   Pin Grid Array sockets Press-fit terminations
546-91-108-12-101-036 PREDIP-546-91-108-12-101-036 Datasheet
41Kb / 1P
   Pin Grid Array sockets Press-fit terminations
546-93-108-12-101-028 PREDIP-546-93-108-12-101-028 Datasheet
41Kb / 1P
   Pin Grid Array sockets Press-fit terminations
More results

Description similaire - 546MS8GE

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
HMC546MS8G AD-HMC546MS8G Datasheet
801Kb / 12P
   GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
logo
Hittite Microwave Corpo...
HMC546LP2 HITTITE-HMC546LP2_10 Datasheet
284Kb / 8P
   GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
HMC546LP2 HITTITE-HMC546LP2 Datasheet
399Kb / 10P
   GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
HMC546MS8G HITTITE-HMC546MS8G Datasheet
571Kb / 12P
   GaAs MMIC 10W T/R SWITCH 0.2 - 2.2 GHz
HMC550A HITTITE-HMC550A Datasheet
686Kb / 8P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550 HITTITE-HMC550_10 Datasheet
466Kb / 6P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550 HITTITE-HMC550 Datasheet
227Kb / 6P
   GAAS MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC646LP2 HITTITE-HMC646LP2_09 Datasheet
247Kb / 8P
   GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
HMC646LP2 HITTITE-HMC646LP2 Datasheet
323Kb / 8P
   GaAs MMIC 40W FAILSAFE SWITCH, 0.1 - 2.1 GHz
logo
Analog Devices
HMC550A AD-HMC550A Datasheet
368Kb / 6P
   GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com