Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

542ALP4E Fiches technique(PDF) 5 Page - Hittite Microwave Corporation

No de pièce 542ALP4E
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 4 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITTITE [Hittite Microwave Corporation]
Site Internet  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

542ALP4E Fiches technique(HTML) 5 Page - Hittite Microwave Corporation

  542ALP4E Datasheet HTML 1Page - Hittite Microwave Corporation 542ALP4E Datasheet HTML 2Page - Hittite Microwave Corporation 542ALP4E Datasheet HTML 3Page - Hittite Microwave Corporation 542ALP4E Datasheet HTML 4Page - Hittite Microwave Corporation 542ALP4E Datasheet HTML 5Page - Hittite Microwave Corporation 542ALP4E Datasheet HTML 6Page - Hittite Microwave Corporation 542ALP4E Datasheet HTML 7Page - Hittite Microwave Corporation 542ALP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 5
Pin number
Function
Description
Interface schematic
1, 3, 5, 14,
16-18, 23
n/C
these pins are not connected internally. However, all data
shown herein was measured with these pins connected
to rF/DC Ground.
2
Vcc
supply Voltage.
4, 15
rF1, rF2
this pin is DC coupled and matched to 50 ohms
Blocking capacitors are required. select value based on
lowest frequency of operation.
6 - 11, 13
ACG1 - ACG7
external capacitor to ground is required. select value for
lowest frequency of operation. Place capacitor as close to
pins as possible.
12
n/C
this pin is not connected internally and any connection made
to it externally will have no effect on product performance.
19
serial output
serial data output. serial input data
delayed by 8 clock cycles
20
reset
see truth table, control voltage table and timing diagram.
21
shift Clock
22
Latch enable
24
serial Input
GnD
Package bottom has an exposed metal paddle
that must be connected to rF/DC Ground.
Pin Descriptions
HMC542ALP4 / 542ALP4E
v05.0311
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
SERIAL CONTROL ATTENUATOR, DC - 4 GHz


Numéro de pièce similaire - 542ALP4E

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Energy Industr...
542A ADVANCEDENERGY-542A Datasheet
258Kb / 4P
   TREK 542A
More results

Description similaire - 542ALP4E

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
HMC542BLP4E AD-HMC542BLP4E Datasheet
742Kb / 9P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC542LP4 HITTITE-HMC542LP4_09 Datasheet
322Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3 GHz
HMC542LP4 HITTITE-HMC542LP4_10 Datasheet
621Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3 GHz
HMC542LP4 HITTITE-HMC542LP4 Datasheet
469Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL SERIAL CONTROL ATTENUATOR, DC - 3.0 GHz
HMC624LP4 HITTITE-HMC624LP4 Datasheet
337Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC624LP4 HITTITE-HMC624LP4_10 Datasheet
1Mb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
logo
Analog Devices
HMC472ALP4 AD-HMC472ALP4 Datasheet
717Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
logo
Hittite Microwave Corpo...
HMC472LP4 HITTITE-HMC472LP4 Datasheet
346Kb / 6P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC472LP4 HITTITE-HMC472LP4_09 Datasheet
359Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
HMC305LP4 HITTITE-HMC305LP4 Datasheet
499Kb / 8P
   0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com