Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFU16-100-123-4 Fiches technique(PDF) 1 Page - ice Components, Ins.

No de pièce LFU16-100-123-4
Description  Line Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICE [ice Components, Ins.]
Site Internet  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LFU16-100-123-4 Fiches technique(HTML) 1 Page - ice Components, Ins.

  LFU16-100-123-4 Datasheet HTML 1Page - ice Components, Ins. LFU16-100-123-4 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
BBB CCC - DE
-
4
1
2
3
1
2
3
4
10.0
13.0
10.0
BBB-CC C- DE
4
1
2
3
1
2
3
4
13.0
Features
• Broad frequency attenuation
• UU cores for compact design
• Wide selection available
• Custom designs available
Applications
• Off-Line Switch Mode Power
Supplies
• Conducted EMI Filters
• Office Equipment
• Medical Equipment
Packaging
Horizontal: Tray=48 pieces, Box=12 trays, Box=576 pieces
Vertical:
Tray=100 pieces, Box=12 trays, Box=1200 pieces
LFu16 Horizontal
LFu16 vertical
Part Number
Inductance1
Inductance1
DCR
Rated5
SRF
(mH nom.)
(mH min.)
(
Ω max.)
Current (A)
(kHz, typ.)
LFU16-060-313-2_
44.22
30.95
0.73
0.6
177
LFU16-080-193-2_
27.19
19.03
0.42
0.8
184
LFU16-130-103-2_
14.86
10.4
0.25
1.3
284
LFU16-170-772-2_
11.06
7.74
0.17
1.7
353
LFU16-200-492-2_
7
4.9
0.12
2
404
LFU16-250-412-2_
5.84
4.09
0.085
2.5
476
LFU16-080-213-4_
29.6
20.72
0.6
0.8
379
LFU16-100-123-4_
16.66
11.66
0.35
1
537
LFU16-150-522-4_
7.4
5.18
0.18
1.5
901
LFU16-180-272-4_
3.86
2.7
0.11
1.8
1420
LFU16-230-232-4_
3.29
2.3
0.08
2.3
1475
LFU16-280-192-4_
2.76
1.93
0.065
2.8
1486
Electrical Specifications
1. Tested at 1 kHz,
0.1 Vrms, series.
2. Electrical specs at 25˚ C.
3. Operating range:
-40˚ C to +130˚ C.
4. Meets UL 94V-0.
5. Rated current produces
a temperature rise of 40˚ C.
6. Specify H or V at end
of part number for
horizontal or vertical
core arrangement.
Top View
Schematic
Front View
Side View
Top View
Schematic
Front View
Side View
color dot
for pin 1
22.5 max
18.5 max
27.5
max
4.0+/-0.5
0.7 dia
22.5 max
24.0 max
20.5
max
0.7 dia
4.0 max
10.0 max
4.0+/-0.5
color dot
for pin 1
units: mm
LFu16 Series
Line Filters
64
(04/08) LFU16-1


Numéro de pièce similaire - LFU16-100-123-4

FabricantNo de pièceFiches techniqueDescription
logo
ice Components, Ins.
LFU16-100-123-4 ICE-LFU16-100-123-4 Datasheet
267Kb / 2P
   Line Filters
More results

Description similaire - LFU16-100-123-4

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
ELF-18D450H PANASONIC-ELF-18D450H Datasheet
117Kb / 4P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
LFU16 ICE-LFU16 Datasheet
267Kb / 2P
   Line Filters
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com