Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM1086RS Fiches technique(PDF) 8 Page - HTC Korea TAEJIN Technology Co.

No de pièce LM1086RS
Description  1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HTC [HTC Korea TAEJIN Technology Co.]
Site Internet  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1086RS Fiches technique(HTML) 8 Page - HTC Korea TAEJIN Technology Co.

  LM1086RS Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1086RS Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1086RS Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1086RS Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1086RS Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1086RS Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1086RS Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1086RS Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1086
THERMAL CONSIDERATIONS
The LM1086 series have internal power and thermal limiting circuitry designed to protect the device
under overload cinditions. However maximum junction temperature ratings should not be exceeded
under continous normal load conditions.
Careful consideration must be given to all sourses of thermal resistance from junction to ambient,
including junction-to- ase, case-to-heat sink interface and heat sink resistance itself. To ensure
safe operating temperatures and reflect more accurately the device temperature, new thermal
resistance specifications have been developed. Unlike order reguators with a single junction-to-
case thermal resistance speccification, the data section for these new regulators provides a
separate thermal resistance and maximum juntion temperature for both the Control Section and the
Power Transistor. Calculations for both temperatures under certain conditions of ambient
temperature and heat sink resistance and to ensure that both thermal limits are met.
Junction-to-case thermal resistance is specified from the IC junction to the bottom of the case
directly below the die. This is the lowest resistance path for the heat flow. In order to ensure the
best possible thermal flow from this area of the package to the heat sink proper mounting is
required. Thermal compound at the case-to-heat sink interface is recommended. A thermarlly
conductive spacer can be used, if the case of the device must be electrically isolated, but its
added contribution to thermal resistance has to be considered.
HTC
- 8 -


Numéro de pièce similaire - LM1086RS

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM1086 NSC-LM1086 Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Seme LAB
LM1086-05-220M SEME-LAB-LM1086-05-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
LM1086-12-220M SEME-LAB-LM1086-12-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
More results

Description similaire - LM1086RS

FabricantNo de pièceFiches techniqueDescription
logo
HTC Korea TAEJIN Techno...
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
List of Unclassifed Man...
LM1085 ETC2-LM1085 Datasheet
85Kb / 2P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
HTC Korea TAEJIN Techno...
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
STMicroelectronics
LD1086XX STMICROELECTRONICS-LD1086XX Datasheet
584Kb / 37P
   1.5A Low drop positive voltage regulator adjustable and fixed
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com