Moteur de recherche de fiches techniques de composants électroniques |
|
NCP565 Fiches technique(PDF) 14 Page - ON Semiconductor |
|
NCP565 Fiches technique(HTML) 14 Page - ON Semiconductor |
14 / 17 page NCP565/NCV565 http://onsemi.com 14 PACKAGE DIMENSIONS D2PAK 3 D2T SUFFIX CASE 936−03 ISSUE C 5 REF 5 REF V U TERMINAL 4 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. TAB CONTOUR OPTIONAL WITHIN DIMENSIONS A AND K. 4. DIMENSIONS U AND V ESTABLISH A MINIMUM MOUNTING SURFACE FOR TERMINAL 4. 5. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH OR GATE PROTRUSIONS. MOLD FLASH AND GATE PROTRUSIONS NOT TO EXCEED 0.025 (0.635) MAXIMUM. DIM A MIN MAX MIN MAX MILLIMETERS 0.386 0.403 9.804 10.236 INCHES B 0.356 0.368 9.042 9.347 C 0.170 0.180 4.318 4.572 D 0.026 0.036 0.660 0.914 E 0.045 0.055 1.143 1.397 F 0.051 REF 1.295 REF G 0.100 BSC 2.540 BSC H 0.539 0.579 13.691 14.707 J 0.125 MAX 3.175 MAX K 0.050 REF 1.270 REF L 0.000 0.010 0.000 0.254 M 0.088 0.102 2.235 2.591 N 0.018 0.026 0.457 0.660 P 0.058 0.078 1.473 1.981 R S 0.116 REF 2.946 REF U 0.200 MIN 5.080 MIN V 0.250 MIN 6.350 MIN __ A 12 3 K F B J S H D G C M 0.010 (0.254) T E M L P N R −T− OPTIONAL CHAMFER *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. SOLDERING FOOTPRINT* 8.38 5.080 DIMENSIONS: MILLIMETERS PITCH 2X 16.155 1.016 2X 10.49 3.504 |
Numéro de pièce similaire - NCP565_10 |
|
Description similaire - NCP565_10 |