Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM3515 Fiches technique(PDF) 1 Page - Sharp Corporation

No de pièce SM3515
Description  4-Bit Single-Chip Microcomputer(For Data Bank Use)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM3515 Fiches technique(HTML) 1 Page - Sharp Corporation

  SM3515 Datasheet HTML 1Page - Sharp Corporation SM3515 Datasheet HTML 2Page - Sharp Corporation SM3515 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
- 1 -
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books,
etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
DESCRIPTION
The SM3515 is a CMOS 4-bit single-chip micro-
computer for databank incorporating data memory
RAM, LCD driver, key input circuits and buzzer out-
put circuit. By connecting an external crystal, a 1 Hz
timer interrupt is made possible for easier clock
function.
FEATURES
• ROM capacity :
Program ROM
12 k x 23 bits
Character ROM
5 x 8 x 128 bits
• RAM capacity :
Working RAM
256 x 4 bits
Display RAM
60 x 8 bits
Data RAM
512 x 8 bits
• LCD display : 60-segment x 8-common
• I/O ports :
Buzzer output
1 bit (4 kHz)
Key input
7 bits
• Standby release : 2 events (2 Hz signal, key input)
• Built-in oscillator :
• Instruction cycle time : 10 µs
• Operating temperature : –10 to +60°C
• Supply voltage : 2.5 to 3.4 V
• Package : 100-pin QFP (QFP100-P-1420)
SM3515
SM3515
4-Bit Single-Chip Microcomputer
(For Data Bank Use)
System clock (built-in CR oscillator) 300 kHz
Timer (built-in CR oscillator)
32.8 kHz
(external crystal)
32.768 kHz


Numéro de pièce similaire - SM3515

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
SM3511 SHARP-SM3511 Datasheet
67Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3512 SHARP-SM3512 Datasheet
39Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3513 SHARP-SM3513 Datasheet
39Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3514 SHARP-SM3514 Datasheet
38Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3517 SHARP-SM3517 Datasheet
39Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
More results

Description similaire - SM3515

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
SM3504 SHARP-SM3504 Datasheet
37Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3507 SHARP-SM3507 Datasheet
84Kb / 4P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3517 SHARP-SM3517 Datasheet
39Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3518 SHARP-SM3518 Datasheet
34Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3512 SHARP-SM3512 Datasheet
39Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3508 SHARP-SM3508 Datasheet
34Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3509 SHARP-SM3509 Datasheet
48Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3511 SHARP-SM3511 Datasheet
67Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3503 SHARP-SM3503 Datasheet
41Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3513 SHARP-SM3513 Datasheet
39Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3514 SHARP-SM3514 Datasheet
38Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com