Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PT4600 Fiches technique(PDF) 4 Page - Sharp Corporation

No de pièce PT4600
Description  Double Ended Mold Type Phototransistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PT4600 Fiches technique(HTML) 4 Page - Sharp Corporation

  PT4600 Datasheet HTML 1Page - Sharp Corporation PT4600 Datasheet HTML 2Page - Sharp Corporation PT4600 Datasheet HTML 3Page - Sharp Corporation PT4600 Datasheet HTML 4Page - Sharp Corporation PT4600 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig. 7-a Response Time vs. Load Resistance
(PT4600/4600F/4650F)
Load resistance RL (k
Ω)
Fig. 8 Radiation Diagram
Test Circuit for Response Time
Test Circuit for Response Time
(PT4600/4600F/4650F)
Fig. 7-b Response Time vs. Load Resistance
(PT4610/4610F)
(PT4610/4610F)
Fig. 9-a Collector-emitter Saturation Voltage
vs. Irradiance
(PT4600)
PT4600/PT4600F/PT4610/PT4610F/PT4650F
Angular displacement
θ
5
1
2
500
50
10
20
100 200
5000
1000
VCE =2V
IC = 10mA
= 25˚C
= 25˚C
IC = 1mA
VCE = 20V
5
50
5
10
20
200
100
500
1000
2
1
10
20
100
50
tf
td
ts
tr
2
1
5
10
50
20
100
tr
tf
tr
td
10%
tf
ts
tr
RL
RL
90%
tf
10%
90%
20
100
40
60
80
-10
-20
0
-90
-80
-70
-60
-50
-40
-30
90
80
70
60
50
40
30
0
0
Ta
Vcc
Vcc
Ta
Output Input
Output
Output Input
Output
10
20
1.2
1
0.8
0.6
0.4
0.2
1.4
0.1
1
0.5
2
5
0.2
10
Ta = 25˚C
Ic =
2.0mA
Ic =
Ic =
Ic =
0.25mA 0.5mA 1.0mA
Load resistance RL (
Ω )
Irradiance E e (mW/cm )
2
50
50


Numéro de pièce similaire - PT4600

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
PT460 SHARP-PT460 Datasheet
91Kb / 7P
   Duble-end Type Phototransistor
PT460F SHARP-PT460F Datasheet
91Kb / 7P
   Duble-end Type Phototransistor
More results

Description similaire - PT4600

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
GL460 SHARP-GL460 Datasheet
46Kb / 4P
   Double Ended Mold Type Infrared Emitting Diode
GL4600 SHARP-GL4600 Datasheet
37Kb / 4P
   Double Ended Mold Type Infrared Emitting Diode
logo
Rohm
RPI-128 ROHM-RPI-128 Datasheet
242Kb / 2P
   Photointerrupter Double Mold Type
RPI-151 ROHM-RPI-151 Datasheet
196Kb / 2P
   Photointerrupter Double Mold Type
RPI-1133 ROHM-RPI-1133 Datasheet
61Kb / 3P
   Photointerrupter double-layer mold type
RPI-122 ROHM-RPI-122 Datasheet
81Kb / 3P
   Photointerrupter, double-layer mold type
RPI-131 ROHM-RPI-131 Datasheet
73Kb / 3P
   Photointerrupter, double-layer mold type
RPI-246 ROHM-RPI-246 Datasheet
71Kb / 3P
   Photointerrupter, double-layer mold type
RPI-221 ROHM-RPI-221 Datasheet
76Kb / 3P
   Photointerrupter, double-layer mold type
RPI-243 ROHM-RPI-243 Datasheet
70Kb / 3P
   Photointerrupter, double-layer mold type
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com