Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1494 Fiches technique(PDF) 1 Page - Sanken electric

No de pièce 2SA1494
Description  Silicon PNP Epitaxial Planar Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SA1494 Fiches technique(HTML) 1 Page - Sanken electric

  2SA1494_07 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
∗hFE Rank Y(50to100), P(70to140), G(90to180)
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC3858)
Application : Audio and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
–200
–200
–6
–17
–5
200(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
sTypical Switching Characteristics (Common Emitter)
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
fT
COB
Ratings
–100max
–100max
–200min
50min
–2.5max
20typ
500typ
Unit
µA
µA
V
V
MHz
pF
Conditions
VCB=–200V
VEB=–6V
IC=–50mA
VCE=–4V, IC=–8A
IC=–10A, IB=–1A
VCE=–12V, IE=1A
VCB=–10V, f=1MHz
VCC
(V)
–40
RL
(
Ω)
4
IC
(A)
–10
VBB2
(V)
5
IB2
(A)
1
ton
(
µs)
0.6typ
tstg
(
µs)
0.9typ
tf
(
µs)
0.2typ
IB1
(A)
–1
2SA1494
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
Safe Operating Area (Single Pulse)
h FE– I C Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
–5
–10
–15
–17
–1
–2
–3
–4
Collector-Emitter Voltage V CE(V)
–50mA
–100mA
–1A
–600mA
–400mA
–200mA
I B=–20mA
0
–3
–2
–1
0– 1
– 2
– 3
Base Current I B(A)
I C=–15A
–10A
–5A
–0.02
–0.1
–1
–17
–10
–5
–0.5
50
10
100
300
Collector Current I C(A)
(V CE=–4V)
Typ
Collector-Emitter Voltage V CE(V)
–2
–10
–100
–300
–0.1
–1
–0.5
–10
–50
–5
3ms
Without Heatsink
Natural Cooling
DC
20ms
10ms
0.02
0.1
1
1 0
0
30
10
20
(V CE=–12V)
Emitter Current I E(A)
Typ
f T– I E Characteristics (Typical)
200
160
120
80
40
5
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
(V CE=–4V)
–0.02
–0.1
–0.5
–1
–5
–10 –17
20
50
100
200
Collector Current I C(A)
125˚C
25˚C
–30˚C
I C– V BE Temperature Characteristics (Typical)
0
–17
–15
–10
–5
0– 2
–1
Base-Emittor Voltage V BE(V)
(V CE=–4V)
θj-a–t Characteristics
1
1 0
100
1000
2000
Time t(ms)
0.1
1
2
0.5
VBB1
(V)
–10
External Dimensions MT-200
2
3
1.05
+0.2
-0.1
BE
5.45±0.1
5.45±0.1
2-ø3.2±0.1
36.4±0.3
9
24.4±0.2
0.65
+0.2
-0.1
3.0
+0.3
-0.1
6.0±0.2
2.1
a
b
C
22
Weight : Approx 18.4g
a. Part No.
b. Lot No.


Numéro de pièce similaire - 2SA1494_07

FabricantNo de pièceFiches techniqueDescription
logo
Quanzhou Jinmei Electro...
2SA1494 JMNIC-2SA1494_15 Datasheet
227Kb / 4P
   Silicon PNP Power Transistors
More results

Description similaire - 2SA1494_07

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com