Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS19 Fiches technique(PDF) 1 Page - Diotec Semiconductor

No de pièce BAS19
Description  Fast Switching Surface Mount Si-Planar Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIOTEC [Diotec Semiconductor]
Site Internet  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS19 Fiches technique(HTML) 1 Page - Diotec Semiconductor

  BAS19_11 Datasheet HTML 1Page - Diotec Semiconductor BAS19_11 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS19 ... BAS21
BAS19 ... BAS21
Fast Switching Surface Mount Si-Planar Diodes
Schnelle Si-Planar-Dioden für die Oberflächenmontage
Version 2011-07-13
Dimensions - Maße [mm]
1 = A
2 = n.c./frei
3 = C
Power dissipation – Verlustleistung
250 mW
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
120...250 V
Plastic case
Kunststoffgehäuse
SOT-23
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
Type
Typ
Continuous reverse voltage
Dauersperrspannung
VR [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 1)
BAS19
100
120
BAS20
150
200
BAS21
200
250
Power dissipation − Verlustleistung
Ptot
250 mW 2)
Max. average forward current (dc)
Dauergrenzstrom
IFAV
200 mA 1)
Repetitive peak forward current
Periodischer Spitzenstrom
IFRM
625 mA 1)
Non repetitive peak forward surge current
Stoßstrom-Grenzwert
tp ≤ 1 s
tp ≤ 1 µs
IFSM
IFSM
0.5 A
2.5 A
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
- 55...+150°C
- 55…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Forward voltage
Durchlass-Spannung
IF = 100 mA
IF = 200 mA
VF
VF
< 1.00 V
< 1.25 V
Leakage current
Sperrstrom
Tj = 25°C
Tj = 150°C
V = VR
IR
< 100 nA
V = VR
IR
< 100 µA
1
Tested with 100 µA pulses – Gemessen mit 100 µA-Impulsen
2
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
2.9 ±0.1
0.4
1
2
3
Type
Code
1.9


Numéro de pièce similaire - BAS19_11

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAS19 DIODES-BAS19_11 Datasheet
90Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

Description similaire - BAS19_11

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
BAS16DW DIOTEC-BAS16DW Datasheet
126Kb / 2P
   Fast Switching Surface Mount Si-Planar Diodes
BAS19 DIOTEC-BAS19_15 Datasheet
120Kb / 2P
   Fast Switching Surface Mount Si-Planar Diodes
BAS16DW DIOTEC-BAS16DW_15 Datasheet
126Kb / 2P
   Fast Switching Surface Mount Si-Planar Diodes
BAS216WT DIOTEC-BAS216WT Datasheet
93Kb / 2P
   Fast Switching Surface Mount Si-Planar Diodes
BAS16 DIOTEC-BAS16_09 Datasheet
124Kb / 2P
   Fast Switching Surface Mount Si-Planar Diodes
BAL99 DIOTEC-BAL99 Datasheet
115Kb / 2P
   Fast Switching Surface Mount Si-Planar Diodes
BAW56W DIOTEC-BAW56W Datasheet
115Kb / 2P
   Fast Switching Surface Mount Si-Planar Double Diodes
LL4148 DIOTEC-LL4148_07 Datasheet
103Kb / 2P
   Ultrafast Switching Surface Mount Si-Planar Diodes
LL4148 DIOTEC-LL4148_13 Datasheet
97Kb / 2P
   Ultrafast Switching Surface Mount Si-Planar Diodes
LL4148 DIOTEC-LL4148_11 Datasheet
96Kb / 2P
   Ultrafast Switching Surface Mount Si-Planar Diodes
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com