Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1N1188 Datasheet(Fiches technique) 2 Page - Diotec Semiconductor

Numéro de pièce 1N1188
Description  Silicon-Power-Rectifiers
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  DIOTEC [Diotec Semiconductor]
Site Internet  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1N1188 Datasheet(HTML) 2 Page - Diotec Semiconductor

  1N1188 Datenblatt HTML 1Page - Diotec Semiconductor 1N1188 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N1183 ... 1N1190, 1N3766, 1N3768, PBY301 ... PB307
Characteristics
Kennwerte
Forward Voltage – Durchlass-Spannung
Tj = 25°C
IF = 100 A
VF
< 1.5 V
Leakage Current – Sperrstrom
Tj = 25°C
VR = VRRM
IR
< 500 µA
Thermal Resistance Junction – Case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
< 1 K/W
Recommended mounting torque
Empfohlenes Anzugsdrehmoment
M6
26 ± 10% lb.in.
3 ± 10% Nm
2
http://www.diotec.com/
© Diotec Semiconductor AG
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus case temperature
Zul. Richtstrom in Abh. von der Gehäusetemp.
[°C]
T
C
150
100
50
0
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
10
10
10
1
10
3
2
-1
[A]
I
F
0.4
V
F
0.8
1.0
1.2
1.4
[V] 1.8
T = 25°C
j
T = 125°C
j
450a-(100a-1,5v)
Peak forward surge current versus number of cycles at 50 Hz
Durchlaß-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
10
10
10
3
2
[A]
î
F
1
10
10
[n]
10
2
3


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn