Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL78200 Fiches technique(PDF) 12 Page - Intersil Corporation

No de pièce ISL78200
Description  2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78200 Fiches technique(HTML) 12 Page - Intersil Corporation

Back Button ISL78200 Datasheet HTML 8Page - Intersil Corporation ISL78200 Datasheet HTML 9Page - Intersil Corporation ISL78200 Datasheet HTML 10Page - Intersil Corporation ISL78200 Datasheet HTML 11Page - Intersil Corporation ISL78200 Datasheet HTML 12Page - Intersil Corporation ISL78200 Datasheet HTML 13Page - Intersil Corporation ISL78200 Datasheet HTML 14Page - Intersil Corporation ISL78200 Datasheet HTML 15Page - Intersil Corporation ISL78200 Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ISL78200
12
FN7641.0
September 22, 2011
FIGURE 23. NON-SYNCHRONOUS BUCK, FORCE PWM MODE,
VIN 12V, 2A
FIGURE 24. BOOST BUCK MODE, BOOST INPUT STEP FROM
40V TO 3V
FIGURE 25. BOOST BUCK MODE, BOOST INPUT STEP FROM
3V TO 40V
FIGURE 26. BOOST BUCK MODE, VO = 9V, IO = 1.8A, BOOST INPUT
DROPS FROM 16V TO 9V DC
Performance Curves (Continued)
VOUT 10mV/DIV (5V OFFSET)
PHASE 10V/DIV
5µs/DIV
VOUT 1V/DIV
VIN_BOOST 5V/DIV
20ms/DIV
VOUT 1V/DIV
VIN_BOOST 5V/DIV
20ms/DIV
VOUT 5V/DIV
PHASE_BOOST 20V/DIV
10ms/DIV
IL_BOOST 2A/DIV
PHASE_BUCK 20V/DIV


Numéro de pièce similaire - ISL78200

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL78200 RENESAS-ISL78200 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78200 INTERSIL-ISL78200 Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
logo
Renesas Technology Corp
ISL78200AVEZ RENESAS-ISL78200AVEZ Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78200EVAL1Z INTERSIL-ISL78200EVAL1Z Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
More results

Description similaire - ISL78200

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL85402 RENESAS-ISL85402 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85402 INTERSIL-ISL85402 Datasheet
901Kb / 18P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78200AVEZ INTERSIL-ISL78200AVEZ Datasheet
978Kb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
December 24, 2013
logo
Renesas Technology Corp
ISL78200 RENESAS-ISL78200 Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL85402IRZ-TK INTERSIL-ISL85402IRZ-TK Datasheet
1Mb / 22P
   2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
ISL85403 INTERSIL-ISL85403 Datasheet
966Kb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 13, 2015
logo
Renesas Technology Corp
ISL85403 RENESAS-ISL85403 Datasheet
1Mb / 24P
   2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
ISL78201 RENESAS-ISL78201 Datasheet
1Mb / 23P
   40V 2.5A Regulator with Integrated High-Side MOSFET for Synchronous Buck or Boost Buck Converter
logo
Intersil Corporation
ISL78201AVEZ INTERSIL-ISL78201AVEZ Datasheet
917Kb / 23P
   40V 2.5A Regulator with Integrated High-side MOSFET for Synchronous Buck or Boost Buck Converter
March 31, 2015
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com