Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL23428TFRUZ-T7A Fiches technique(PDF) 11 Page - Intersil Corporation

No de pièce ISL23428TFRUZ-T7A
Description  Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23428TFRUZ-T7A Fiches technique(HTML) 11 Page - Intersil Corporation

Back Button ISL23428TFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23428TFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23428TFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL23428TFRUZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL23428TFRUZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL23428TFRUZ-T7A Datasheet HTML 12Page - Intersil Corporation ISL23428TFRUZ-T7A Datasheet HTML 13Page - Intersil Corporation ISL23428TFRUZ-T7A Datasheet HTML 14Page - Intersil Corporation ISL23428TFRUZ-T7A Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
ISL23428
11
FN7904.0
August 25, 2011
FIGURE 9. 10kΩ RINL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 10. 50kΩ RINL vs TAP POSITION, VCC = 3.3V, +25°C
FIGURE 11. 10kΩ WIPER RESISTANCE vs TAP POSITION, VCC = 3.3V
FIGURE 12. 50kΩ WIPER RESISTANCE vs TAP POSITION, VCC = 3.3V
FIGURE 13. 10kΩ TCv vs TAP POSITION, VCC = 3.3V
FIGURE 14. 50kΩ TCv vs TAP POSITION, VCC = 3.3V
Typical Performance Curves (Continued)
-0.30
-0.15
0.00
0.15
0.30
032
64
96
128
TAP POSITION (DECIMAL)
-0.08
-0.04
0.00
0.04
0.08
0
32
64
96
128
TAP POSITION (DECIMAL)
0
20
40
60
80
100
0
326496
128
TAP POSITION (DECIMAL)
+125°C
-40°C
+25°C
0
20
40
60
80
100
120
0
32
64
96
128
TAP POSITION (DECIMAL)
+125°C
-40°C
+25°C
0
50
100
150
200
15
43
71
99
127
TAP POSITION (DECIMAL)
0
10
20
30
40
15
43
71
99
127
TAP POSITION (DECIMAL)


Numéro de pièce similaire - ISL23428TFRUZ-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL23428TFRUZ-T7A INTERSIL-ISL23428TFRUZ-T7A Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23428TFRUZ-T7A RENESAS-ISL23428TFRUZ-T7A Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Description similaire - ISL23428TFRUZ-T7A

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL23328TFVZ INTERSIL-ISL23328TFVZ Datasheet
693Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 29, 2015
ISL23428TFVZ INTERSIL-ISL23428TFVZ Datasheet
702Kb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
September 23, 2015
logo
Renesas Technology Corp
ISL23328 RENESAS-ISL23328 Datasheet
1Mb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23428 RENESAS-ISL23428 Datasheet
1Mb / 21P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23328 INTERSIL-ISL23328 Datasheet
779Kb / 20P
   Dual, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23418 RENESAS-ISL23418 Datasheet
1Mb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL23348 INTERSIL-ISL23348 Datasheet
865Kb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23418 INTERSIL-ISL23418 Datasheet
927Kb / 20P
   Single, 128-Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23448 INTERSIL-ISL23448 Datasheet
754Kb / 21P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
ISL23348 RENESAS-ISL23348 Datasheet
1Mb / 19P
   Quad, 128 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™)
August 24, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com