Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28345 Fiches technique(PDF) 6 Page - Intersil Corporation

No de pièce ISL28345
Description  40V Low Power Dual and Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28345 Fiches technique(HTML) 6 Page - Intersil Corporation

Back Button ISL28345 Datasheet HTML 2Page - Intersil Corporation ISL28345 Datasheet HTML 3Page - Intersil Corporation ISL28345 Datasheet HTML 4Page - Intersil Corporation ISL28345 Datasheet HTML 5Page - Intersil Corporation ISL28345 Datasheet HTML 6Page - Intersil Corporation ISL28345 Datasheet HTML 7Page - Intersil Corporation ISL28345 Datasheet HTML 8Page - Intersil Corporation ISL28345 Datasheet HTML 9Page - Intersil Corporation ISL28345 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ISL28325, ISL28345
6
September 27, 2011
FN7854.0
Applications Information
Functional Description
The ISL28325 and ISL28345 are dual and quad general purpose
amplifiers featuring low noise vs power consumption. They are
offered in industry standard pinouts in 8 Ld SOIC, 8 Ld MSOP and
14 Ld SOIC packages. Applications for this amplifier include
active filters, medical and analytical instrumentation, power
supply controls, and industrial controls..
Operating Voltage Range
The devices are designed to operate over the 4.5V (±2.25V) to
40V (±20V) range over the -40°C to +125°C temperature range.
For best amplifier performance, decouple the power supply with
a 0.01µF or larger capacitors by placing them close to the supply
pins of the amplifier.
Input ESD Diode Protection
The input terminals (IN+ and IN-) have internal ESD protection
diodes to the positive and negative supply rails, series connected
500
Ω current limiting resistors and an anti-parallel diode pair
across the inputs.
The series resistors limit the high feed-through currents that can
occur in pulse applications when the input dV/dT exceeds the
0.4V/µs slew rate of the amplifier. Without the series resistors, the
input can forward-bias the anti-parallel diodes causing current to
flow to the output resulting in severe distortion and possible diode
failure.
In applications where one or both amplifier input terminals are at
risk of exposure to high voltages beyond the power supply rails,
current limiting resistors may be needed at the input terminal to
limit the current through the power supply ESD diodes to 20mA
max.


Numéro de pièce similaire - ISL28345

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28345 INTERSIL-ISL28345 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28345 RENESAS-ISL28345 Datasheet
617Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
Intersil Corporation
ISL28345 INTERSIL-ISL28345 Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
ISL28345 INTERSIL-ISL28345 Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
ISL28345FBZ INTERSIL-ISL28345FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
More results

Description similaire - ISL28345

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
logo
Renesas Technology Corp
ISL28325 RENESAS-ISL28325 Datasheet
617Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
   Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
   Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
   Low power quad operational amplifier
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
   Low-Power Quad Operational Amplifier
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
   Low Power Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com