Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL28345 Fiches technique(PDF) 3 Page - Intersil Corporation

No de pièce ISL28345
Description  40V Low Power Dual and Quad Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28345 Fiches technique(HTML) 3 Page - Intersil Corporation

  ISL28345 Datasheet HTML 1Page - Intersil Corporation ISL28345 Datasheet HTML 2Page - Intersil Corporation ISL28345 Datasheet HTML 3Page - Intersil Corporation ISL28345 Datasheet HTML 4Page - Intersil Corporation ISL28345 Datasheet HTML 5Page - Intersil Corporation ISL28345 Datasheet HTML 6Page - Intersil Corporation ISL28345 Datasheet HTML 7Page - Intersil Corporation ISL28345 Datasheet HTML 8Page - Intersil Corporation ISL28345 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ISL28325, ISL28345
3
September 27, 2011
FN7854.0
Pin Descriptions
ISL28325
(8 LD SOIC, MSOP)
ISL28345
(14 LD SOIC)
PIN NAME EQUIVALENT CIRCUIT
DESCRIPTION
3
3
+IN_A
Circuit 1
Amplifier non-inverting input
5
5
+IN_B
-10
+IN_C
-12
+IN_D
4
11
V-
Circuit 3
Negative power supply
2
2
-IN_A
Circuit 1
Amplifier inverting input
66
-IN_B
-9
-IN_C
-13
-IN_D
8
4
V+
Circuit 3
Positive power supply
11
VOUT_A
Circuit 2
Amplifier output
77
VOUT_B
-8
VOUT_C
-14
VOUT_D
CIRCUIT 2
CIRCUIT 1
V+
V-
CIRCUIT 3
CAPACITIVELY
COUPLED
ESD CLAMP
IN-
V+
V-
IN+
500
Ω
500
Ω
V+
V-
OUT


Numéro de pièce similaire - ISL28345

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28345 INTERSIL-ISL28345 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28345 RENESAS-ISL28345 Datasheet
617Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
Intersil Corporation
ISL28345 INTERSIL-ISL28345 Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
ISL28345 INTERSIL-ISL28345 Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
ISL28345FBZ INTERSIL-ISL28345FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
More results

Description similaire - ISL28345

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
ISL28325FBZ INTERSIL-ISL28325FBZ Datasheet
494Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
September 27, 2011
logo
Renesas Technology Corp
ISL28325 RENESAS-ISL28325 Datasheet
617Kb / 10P
   40V Low Power Dual and Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
   LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
   Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
   Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
   Low power quad operational amplifier
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
   Low-Power Quad Operational Amplifier
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
   Low Power Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com