Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM1L-0315SH30-FZ Fiches technique(PDF) 3 Page - AIMTEC

No de pièce AM1L-0315SH30-FZ
Description  1 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM1L-0315SH30-FZ Fiches technique(HTML) 3 Page - AIMTEC

  AM1L-0315SH30-FZ Datasheet HTML 1Page - AIMTEC AM1L-0315SH30-FZ Datasheet HTML 2Page - AIMTEC AM1L-0315SH30-FZ Datasheet HTML 3Page - AIMTEC AM1L-0315SH30-FZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM1L-FZ
1 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.A
3 of 4
North America only
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
Nominal input
1
3
%
Voltage balance (Dual Output Models)
Balanced Load
±1
%
Cross Regulation (Dual Output Models)
25% load on one output - 100% load on
second load
5
%
Short Circuit protection
Max 1 second
Line voltage regulation
Per 1% of Vin Change
1.2
%
Load voltage regulation (Single)
Output current change from 20% to 100%
max load
8
12
%
Load voltage regulation (Dual)
Output current change from 20% to 100%
max load
9
12
%
Temperature coefficient
Nominal Input
±0.01
±0.02
%/oC
Ripple & Noise
20MHz Bandwidth
100
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
100(Min 70KHz)
150
KHz
Operating temperature
-40 to +85
oC
Storage temperature
-55 to +125
oC
Maximum case temperature
100
oC
Derating
No derating up to +85 oC
Cooling
Free Air Convection
Humidity
90
% RH
Case material
Plastic (UL94-V0)
Weight
1.6/2.1
g
Dimensions (L x W x H)
1KVdc isolation single output models :0.50 x 0.44 x 0.29 inches
12.80 x 11.20 x 7.40 mm
All other models :0.60 x 0.44 x 0.29 inches
15.20 x 11.20 x 7.40 mm
MTBF
3000k hours
Maximum soldering temperature
300 (1.5mm from case for 10 seconds)
oC
Pin Out Specifications
Block Diagrams
Pin
1000VDC
Single
1
-V Input
2
+V Input
3
No Pin
4
-V Output
5
+V Output
6
No Pin
7
No Pin
8
N.C
Pin
1000VDC
3000VDC
Dual
Single
Dual
1
-V Input
-V Input
-V Input
2
+V Input
+V Input
+V Input
3
No Pin
No Pin
No Pin
4
Common
-V Output
Common
5
-V Output
N.C.
-V Output
6
No Pin
No Pin
No Pin
7
+V Output
+V Output
+V Output
8
No Pin
No Pin
No Pin
9
No Pin
No Pin
No Pin
10
N.C.
N.C.
N.C.


Numéro de pièce similaire - AM1L-0315SH30-FZ

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AM1L-0315SH30-N ETC-AM1L-0315SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
logo
AIMTEC
AM1L-0315SH30-N AIMTEC-AM1L-0315SH30-N Datasheet
367Kb / 4P
   0.5 watt dc-dc converters
AM1L-0315SH30-N AIMTEC-AM1L-0315SH30-N Datasheet
371Kb / 4P
   0.25 watt dc-dc converters
AM1L-0315SH30-N AIMTEC-AM1L-0315SH30-N Datasheet
530Kb / 4P
   1 watt dc-dc converters
More results

Description similaire - AM1L-0315SH30-FZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM1G-NZ AIMTEC-AM1G-NZ Datasheet
203Kb / 5P
   1 Watt | DC-DC Converter
AM1DR-N-Z AIMTEC-AM1DR-N-Z Datasheet
249Kb / 2P
   1 Watt | DC-DC Converter
AM1D-Z AIMTEC-AM1D-Z Datasheet
286Kb / 8P
   1 Watt | DC-DC Converter
AM1MR-Z AIMTEC-AM1MR-Z Datasheet
346Kb / 3P
   1 Watt | DC-DC Converter
AM1P-Z AIMTEC-AM1P-Z Datasheet
161Kb / 4P
   1 Watt | DC-DC Converter
AM1D-NZ AIMTEC-AM1D-NZ_13 Datasheet
345Kb / 4P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ_13 Datasheet
221Kb / 2P
   1 Watt | DC-DC Converter
AM1M-NZ AIMTEC-AM1M-NZ_13 Datasheet
214Kb / 3P
   1 Watt | DC-DC Converter
AM1DR-NZ AIMTEC-AM1DR-NZ Datasheet
104Kb / 2P
   1 Watt | DC-DC Converter
AM1LS-NZ AIMTEC-AM1LS-NZ Datasheet
277Kb / 2P
   1 Watt | DC-DC Converter
AM1SS-Z AIMTEC-AM1SS-Z_13 Datasheet
224Kb / 2P
   1 Watt | DC-DC Converter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com