Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM2Q-0512DZ Fiches technique(PDF) 1 Page - AIMTEC

No de pièce AM2Q-0512DZ
Description  2 Watt | DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2Q-0512DZ Fiches technique(HTML) 1 Page - AIMTEC

  AM2Q-0512DZ Datasheet HTML 1Page - AIMTEC AM2Q-0512DZ Datasheet HTML 2Page - AIMTEC AM2Q-0512DZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM2Q-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
1 of 3
North America only
FEATURES:
• RoHS Compliant
• Operating Temperature -40ºC to 85ºC
• Wide 2:1 input range
Input / Output Isolation of 500VAC
• High Efficiency up to 83%
No Tantalum capacitors used inside
• Continuous short circuit
• Over voltage protection
Models
Dual output
Model
Input Voltage (V)
Output Voltage
(V)
Output Current
max (mA)
Isolation
(VAC)
Efficiency
(%)
AM2Q-0512DZ
4.5-9
±12
±65
500
82
AM2Q-0515DZ
4.5-9
±15
±50
500
81
AM2Q-1212DZ
9-18
±12
±65
500
83
AM2Q-1215DZ
9-18
±15
±50
500
83
AM2Q-2412DZ
18-36
±12
±65
500
81
AM2Q-2415DZ
18-36
±15
±50
500
82
AM2Q-4812DZ
36-75
±12
±65
500
80
AM2Q-4815DZ
36-75
±15
±50
500
79
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
4.5-9
4.5-9
VDC
12
9-18
9-18
24
18-36
18-36
48
36-75
36-75
Filter
LC Type
Start up time
20
ms
No Load Input Current
30
mA
Input reflected current
20
mA
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
3sec
500
VAC
Resistance
50
MOhm
Capacitance
500
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
%
Cross Regulation (Dual Output Models)
25% load on one output –
100% load on the other output
±5
%
Over voltage protection
Zener Diode Clamp
±12
±15
V
±15
±18
Short Circuit protection
Continuous
Short circuit restart
Auto Recovery
Line voltage regulation (Dual)
LL-HL
±0.5
% of Vin
Load voltage regulation (Dual)
Load:0-100% unbalanced
±1
%
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
50
mV p-p
Minimum Load Current
0
% of Max


Numéro de pièce similaire - AM2Q-0512DZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM2Q-0512DZ AIMTEC-AM2Q-0512DZ Datasheet
631Kb / 3P
   2 Watt | DC-DC Converter
AM2Q-0512DZ AIMTEC-AM2Q-0512DZ Datasheet
197Kb / 5P
   2 Watt | DC-DC Converter
More results

Description similaire - AM2Q-0512DZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ_16 Datasheet
407Kb / 6P
   2 Watt | DC-DC Converter
AM2GW-NZ AIMTEC-AM2GW-NZ_16 Datasheet
124Kb / 2P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_16 Datasheet
369Kb / 5P
   2 Watt | DC-DC Converter
AM2L-NZ AIMTEC-AM2L-NZ_16 Datasheet
168Kb / 5P
   2 Watt | DC-DC Converter
AM2S-Z AIMTEC-AM2S-Z_16 Datasheet
551Kb / 5P
   2 Watt | DC-DC Converter
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
   2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
   2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ Datasheet
103Kb / 3P
   2 Watt | DC-DC Converter
AM2N-NZ AIMTEC-AM2N-NZ Datasheet
235Kb / 3P
   2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
   2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
   2 Watt | DC-DC Converter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com