Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC5670-SP Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC5670-SP
Description  14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC5670-SP Fiches technique(HTML) 6 Page - Texas Instruments

Back Button DAC5670-SP Datasheet HTML 2Page - Texas Instruments DAC5670-SP Datasheet HTML 3Page - Texas Instruments DAC5670-SP Datasheet HTML 4Page - Texas Instruments DAC5670-SP Datasheet HTML 5Page - Texas Instruments DAC5670-SP Datasheet HTML 6Page - Texas Instruments DAC5670-SP Datasheet HTML 7Page - Texas Instruments DAC5670-SP Datasheet HTML 8Page - Texas Instruments DAC5670-SP Datasheet HTML 9Page - Texas Instruments DAC5670-SP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
DAC5670-SP
SGLS386A – JANUARY 2009 – REVISED DECEMBER 2009
www.ti.com
Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
AVDD to GND
5.0
V
DA_P[13..0], DA_N[13..0],
Measured with respect to GND
-0.3
AVDD + 0.3
V
DB_P[13..0], DB_N[13..0]
NORMAL, A_ONLY,
Measured with respect to GND
-0.3
AVDD + 0.3
V
A_ONLY_INV, A_ONLY_ZS
DTCLK_P, DTCLK_N,
Measured with respect to GND
-0.3
AVDD + 0.3
V
DACCLK_P, DACCLK_N
LVDS_HTB, INV_CLK,
Measured with respect to GND
-0.3
AVDD + 0.3
V
RESTART
IOUT_P, IOUT_N
Measured with respect to GND
AVDD – 0.5
AVDD + 1.5
V
CSCAP_IN, REFIO_IN,
Measured with respect to GND
-0.3
AVDD + 0.3
V
RBIAS_IN
Peak input current (any input)
20
mA
Storage temperature range
–65
150
°C
Maximum Junction Temperature
150
°C
Lead temperature 1,6 mm (1/16 in) from the case for 10 s
260
°C
(1)
Stresses above those listed under "absolute maximum ratings" may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5670-SP


Numéro de pièce similaire - DAC5670-SP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
DAC5670-SP TI-DAC5670-SP_15 Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
More results

Description similaire - DAC5670-SP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670-SP TI-DAC5670-SP_15 Datasheet
813Kb / 34P
[Old version datasheet]   DAC5670-SP 14-Bit 2.4-GSPS Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9154 AD-AD9154 Datasheet
2Mb / 124P
   Quad, 16-Bit, 2.4 GSPS, TxDAC Digital-to-Analog Converter
AD9739 AD-AD9739 Datasheet
1Mb / 50P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
AD9739A AD-AD9739A Datasheet
1Mb / 44P
   14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
[Old version datasheet]   Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9699 AD-AD9699 Datasheet
7Mb / 121P
   14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
AD9208 AD-AD9208 Datasheet
1Mb / 137P
   14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com