Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NBXSBA008_0910 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce NBXSBA008_0910
Description  3.3 V, 161.1328 MHz LVPECL Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXSBA008_0910 Fiches technique(HTML) 3 Page - ON Semiconductor

  NBXSBA008_0910 Datasheet HTML 1Page - ON Semiconductor NBXSBA008_0910 Datasheet HTML 2Page - ON Semiconductor NBXSBA008_0910 Datasheet HTML 3Page - ON Semiconductor NBXSBA008_0910 Datasheet HTML 4Page - ON Semiconductor NBXSBA008_0910 Datasheet HTML 5Page - ON Semiconductor NBXSBA008_0910 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NBXSBA008
http://onsemi.com
3
Table 5. DC CHARACTERISTICS (VDD = 3.3 V ± 10%, GND = 0 V, TA = −40°C to +85°C) (Note 2)
Symbol
Characteristic
Conditions
Min.
Typ.
Max.
Units
IDD
Power Supply Current
75
100
mA
VIH
OE Input HIGH Voltage
2000
VDD
mV
VIL
OE Input LOW Voltage
GND − 300
800
mV
IIH
Input HIGH Current
OE
FSEL
−100
−100
+100
+100
mA
IIL
Input LOW Current
OE
FSEL
−100
−100
+100
+100
mA
VOH
Output HIGH Voltage
VDD = 3.3 V
VDD−1195
2105
VDD−945
2355
mV
VOL
Output LOW Voltage
VDD = 3.3 V
VDD−1945
1355
VDD−1600
1700
mV
VOUTPP
Output Voltage Amplitude
680
mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 Ifpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. Measurement taken with outputs terminated with 50 W to VDD − 2.0 V. See Figure 4.
Table 6. AC CHARACTERISTICS (VDD = 3.3 V ± 10%, GND = 0 V, TA = −40°C to +85°C) (Note 3)
Symbol
Characteristic
Conditions
Min.
Typ.
Max.
Units
fCLKOUT
Output Clock Frequency
161.1328
MHz
Df
Frequency Stability
(Note 4)
±50
ppm
FNOISE
Phase−Noise Performance
fCLKout = 161.1328 MHz
(See Figure 3)
100 Hz of Carrier
−109
dBc/Hz
1 kHz of Carrier
−125
dBc/Hz
10 kHz of Carrier
−132
dBc/Hz
100 kHz of Carrier
−132
dBc/Hz
1 MHz of Carrier
−141
dBc/Hz
10 MHz of Carrier
−161
dBc/Hz
tjit(F)
RMS Phase Jitter
12 kHz to 20 MHz
0.4
0.9
ps
tjitter
Cycle to Cycle, RMS
1000 Cycles
1.5
8
ps
Cycle to Cycle, Peak−to−Peak
1000 Cycles
15
30
ps
Period, RMS
10,000 Cycles
1
4
ps
Period, Peak−to−Peak
10,000 Cycles
10
20
ps
tOE/OD
Output Enable/Disable Time
200
ns
tDUTY_CYCLE
Output Clock Duty Cycle
(Measured at Cross Point)
48
50
52
%
tR
Output Rise Time (20% and 80%)
250
400
ps
tF
Output Fall Time (80% and 20%)
250
400
ps
tstart
Start−up Time
1
5
ms
Aging
1st Year
3
ppm
Every Year After 1st
1
ppm
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 Ifpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
3. Measurement taken with outputs terminated with 50 W to VDD − 2.0 V. See Figure 4.
4. Parameter guarantee 10 years aging. Includes initial stability at 25°C, shock, vibration, and first year aging.


Numéro de pièce similaire - NBXSBA008_0910

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBXSBA008LN1TAG ONSEMI-NBXSBA008LN1TAG Datasheet
153Kb / 6P
   Clock Oscillator
March, 2009 ??Rev. 1
NBXSBA008LNHTAG ONSEMI-NBXSBA008LNHTAG Datasheet
153Kb / 6P
   Clock Oscillator
March, 2009 ??Rev. 1
More results

Description similaire - NBXSBA008_0910

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXSGA008 ONSEMI-NBXSGA008 Datasheet
117Kb / 6P
   2.5/3.3 V, 161.1328 MHz LVPECL Clock Oscillator This is a Pb?묯ree Device
April, 2011 ??Rev. 0
NBXSBB023 ONSEMI-NBXSBB023 Datasheet
160Kb / 6P
   3.3 V, 400 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSBA021 ONSEMI-NBXSBA021_09 Datasheet
131Kb / 6P
   3.3 V, 266.667 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBB020 ONSEMI-NBXSBB020 Datasheet
129Kb / 7P
   3.3 V, 280 MHz LVPECL Clock Oscillator
February, 2010 ??Rev. 5
NBXSBB022 ONSEMI-NBXSBB022 Datasheet
160Kb / 6P
   3.3 V, 187.5 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXDBB017_0910 ONSEMI-NBXDBB017_0910 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBB018_0910 ONSEMI-NBXDBB018_0910 Datasheet
136Kb / 7P
   3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA045 ONSEMI-NBXSBA045 Datasheet
125Kb / 6P
   2.5/3.3 V, 345.00 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0
NBXDBA019 ONSEMI-NBXDBA019_10 Datasheet
136Kb / 6P
   3.3 V, 125 MHz / 250 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com