Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD39100PU33R Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce LD39100PU33R
Description  1 A, low quiescent current, low noise voltage regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PU33R Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button LD39100PU33R Datasheet HTML 2Page - STMicroelectronics LD39100PU33R Datasheet HTML 3Page - STMicroelectronics LD39100PU33R Datasheet HTML 4Page - STMicroelectronics LD39100PU33R Datasheet HTML 5Page - STMicroelectronics LD39100PU33R Datasheet HTML 6Page - STMicroelectronics LD39100PU33R Datasheet HTML 7Page - STMicroelectronics LD39100PU33R Datasheet HTML 8Page - STMicroelectronics LD39100PU33R Datasheet HTML 9Page - STMicroelectronics LD39100PU33R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical characteristics
LD39100XX, LD39100XX12, LD39100XX25
6/24
Doc ID 15676 Rev 2
4
Electrical characteristics
TJ = 25 °C, VIN = 1.8 V, CIN = COUT = 1 µF, IOUT = 100 mA, VEN = VIN, unless otherwise
specified.
Table 6.
Electrical characteristics for the LD39100PU
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
1.5
5.5
V
VADJ
VADJ accuracy
IOUT=10mA, TJ = 25°C
784
800
816
mV
IOUT=10mA, -40°C<TJ<125°C
776
800
824
IADJ
Adjust pin current
1µA
ΔVOUT Static line regulation
VOUT+1 V ≤ VIN ≤ 5.5 V,
IOUT=100mA
0.01
%/V
ΔVOUT Transient line regulation (1)
ΔVIN=500mV, IOUT=100mA, tR=5µs
10
mVpp
ΔVIN=500mV, IOUT=100mA, tF=5µs
10
ΔVOUT Static load regulation
IOUT=10mA to 1A
0.002
%/mA
ΔVOUT Transient load regulation (1)
IOUT=10mA to 1A, tR=5µs
40
mVpp
IOUT=1A to 10mA, tF=5µs
40
VDROP Dropout voltage
(2)
IOUT=1A, VO fixed to 1.5V
40°C<TJ<125°C
200
400
mV
eN
Output noise voltage
10Hz to 100kHz, IOUT=100mA,
VOUT=0.8V
30
µVRMS
SVR
Supply voltage rejection
VO=0.8V
VIN=1.8V+/-VRIPPLE
VRIPPLE=0.25V, freq. = 1kHz
IOUT=10mA
65
dB
VIN=1.8V+/-VRIPPLE
VRIPPLE=0.25V, freq.=10kHz
IOUT=100mA
62
IQ
Quiescent current
IOUT=0mA
20
µA
IOUT=0mA, -40°C<TJ<125°C
50
IOUT=0 to 1A
200
IOUT=0 to 1A, -40°C<TJ<125°C
300
VIN input current in off mode:
VEN=GND
(3)
0.001
1
PG
Power good output threshold
Rising edge
0.92*
VOUT
V
Falling edge
0.8*
VOUT
Power good output voltage low Isink=6mA open drain output
0.4
V
ISC
Short-circuit current
RL=0
1.5
A


Numéro de pièce similaire - LD39100PU33R

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LD39100PU33R STMICROELECTRONICS-LD39100PU33R Datasheet
1Mb / 27P
   1 A, low quiescent current, low-noise voltage regulator
June 2016 Rev 6
LD39100PU33RY STMICROELECTRONICS-LD39100PU33RY Datasheet
1Mb / 27P
   1 A, low quiescent current, low-noise voltage regulator
June 2016 Rev 6
More results

Description similaire - LD39100PU33R

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LD39100 STMICROELECTRONICS-LD39100 Datasheet
1Mb / 27P
   1 A, low quiescent current, low-noise voltage regulator
June 2016 Rev 6
LD39100PUR STMICROELECTRONICS-LD39100PUR Datasheet
863Kb / 23P
   1 A, low quiescent current, low noise voltage regulator
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com